| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PCM1796DBR Datasheet(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM1796DBR Datasheet(HTML) 49 Page - Texas Instruments |
|
49 / 63 page ![]() PCM1796 SLES100A − DECEMBER 2003 − REVISED NOVEMBER 2006 www.ti.com 49 58 BCKs Command Field DID LRCK BCK DI DCO1 DCI2 Device ID = 1 Device ID = 2 DCO1 DCO2 DCI3 DCO29 DCI30 Device ID = 3 Device ID = 30 • • • • • • Figure 56. Device ID Determination Sequence TDMCA Frame In general, the TDMCA frame consists of the command field, extended command (EMD) field, and audio data fields. All of them are 32 bits in length, but the lowest byte has no meaning. The MSB is transferred first for each field. The command field is always transferred as the first packet of the frame. The EMD field is transferred if the EMD flag of the command field is HIGH. If any EMD packets are transferred, no audio data follows the EMD packets. This frame is for quick system initialization. All devices of a daisy chain should respond to the command field and extended command field. The PCM1796 has two audio channels that can be selected by OPE (register 19). If the OPE bit is not set to HIGH, those audio channels are transferred. Figure 57 shows the general TDMCA frame. If some DACs are enabled, but corresponding audio data packets are not transferred, the analog outputs are unpredictable. LRCK BCK DI CMD EMD EMD EMD CMD Don’t Care EMD EMD DO Ch1 Ch(m) Ch2 CMD CMD Ch2 Ch3 Ch(n) CMD Ch1 Ch4 DI Ch3 Ch4 [For Initialization] [For Operation] 32 Bits DO CMD CMD CMD CMD CMD CMD 1/fS Don’t Care Figure 57. General TDMCA Frame |