| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMV751M5/NOPB.A Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMV751M5/NOPB.A Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 18 page ![]() LMV751 www.ti.com SNOS468E – AUGUST 1999 – REVISED MARCH 2013 Actual resistor noise measurements may have more noise than the calculated value. This additional noise component is known as excess noise. Excess noise has a 1/f spectral response, and is proportional to the voltage drop across the resistor. It is convenient to define a noise index when referring to excess noise in resistors. The noise index is the RMS value in uV of noise in the resistor per volt of DC drop across the resistor in a decade of frequency. Noise index expressed in dB is: NI = 20 log ((EEX/VDC) x 10 6) db where • EEX = resistor excess noise in uV per frequency decade • VDC = DC voltage drop across the resistor (2) Excess noise in carbon composition resistors corresponds to a large noise index of +10 dB to -20 dB. Carbon film resistors have a noise index of -10 dB to -25 dB. Metal film and wire wound resistors show the least amount of excess noise, with a noise index figure of -15 dB to -40 dB. Other noise sources: As the op amp and resistor noise sources are decreased, other noise contributors will now be noticeable. Small air currents across thermocouples will result in low frequency variations. Any two dissimilar metals, such as the lead on the IC and the solder and copper foil of the pc board, will form a thermocouple. The source itself may also generate noise. An example would be a resistive bridge. All resistive sources generate thermal noise based on the same equation listed above under "resistor types". (2) Putting it all together To a first approximation, the total input referred noise of an op amp is: Et 2 = e n 2 + e req 2 + (i n*Req) 2 where • Req is the equivalent source resistance at the inputs (3) At low impedances, voltage noise dominates. At high impedances, current noise dominates. With a typical noise current on most CMOS input op amps of 0.01 pA/ √Hz, the current noise contribution will be smaller than the voltage noise for Req less than one megohm. Other Considerations Comparator operation Occasionally operational amplifiers are used as comparators. This is not optimum for the LMV751 for several reasons. First, the LMV751 is compensated for unity gain stability, so the speed will be less than could be obtained on the same process with a circuit specifically designed for comparator operation. Second, op amp output stages are designed to be linear, and will not necessarily meet the logic levels required under all conditions. Lastly, the LMV751 has the newer PNP-NPN common emitter output stage, characteristic of many rail-to-rail output op amps. This means that when used in open loop applications, such as comparators, with very light loads, the output PNP will saturate, with the output current being diverted into the previous stage. As a result, the supply current will increase to the 20-30 mA. range. When used as a comparator, a resistive load between 2k Ω and 10kΩ should be used with a small amount of hysteresis to alleviate this problem. When used as an op amp, the closed loop gain will drive the inverting input to within a few millivolts of the non-inverting input. This will automatically reduce the output drive as the output settles to the correct value; thus it is only when used as a comparator that the current will increase to the tens of milliampere range. Rail-to-Rail Because of the output stage discussed above, the LMV751 will swing “rail-to-rail” on the output. This normally means within a few hundred millivolts of each rail with a reasonable load. Referring to the Electrical Characteristics table for 2.7V to 5.0V, it can be seen that this is true for resistive loads of 2k Ω and 10kΩ. The input stage consists of cascoded P-channel MOSFETS, so the input common mode range includes ground, but typically requires 1.2V to 1.3V headroom from the positive rail. This is better than the industry standard LM324 and LM358 that have PNP input stages, and the LMV751 has the advantage of much lower input bias currents. Copyright © 1999–2013, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: LMV751 |