Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACT10 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza 74ACT10
Descripción Electrónicos  TRIPLE 3-INPUT NAND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT10 Datasheet(HTML) 5 Page - STMicroelectronics

  74ACT10 Datasheet HTML 1Page - STMicroelectronics 74ACT10 Datasheet HTML 2Page - STMicroelectronics 74ACT10 Datasheet HTML 3Page - STMicroelectronics 74ACT10 Datasheet HTML 4Page - STMicroelectronics 74ACT10 Datasheet HTML 5Page - STMicroelectronics 74ACT10 Datasheet HTML 6Page - STMicroelectronics 74ACT10 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
P001A
Plastic DIP-14 MECHANICAL DATA
74ACT10
5/7



Html Pages

1 2 3 4 5 6 7