Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMP3WSJRF-M Datasheet(PDF) 13 Page - YAGEO Corporation

No. de pieza FMP3WSJRF-M
Descripción Electrónicos  METAL FILM RESISTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YAGEO [YAGEO Corporation]
Página de inicio  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

FMP3WSJRF-M Datasheet(HTML) 13 Page - YAGEO Corporation

Back Button FMP3WSJRF-M Datasheet HTML 8Page - YAGEO Corporation FMP3WSJRF-M Datasheet HTML 9Page - YAGEO Corporation FMP3WSJRF-M Datasheet HTML 10Page - YAGEO Corporation FMP3WSJRF-M Datasheet HTML 11Page - YAGEO Corporation FMP3WSJRF-M Datasheet HTML 12Page - YAGEO Corporation FMP3WSJRF-M Datasheet HTML 13Page - YAGEO Corporation FMP3WSJRF-M Datasheet HTML 14Page - YAGEO Corporation FMP3WSJRF-M Datasheet HTML 15Page - YAGEO Corporation FMP3WSJRF-M Datasheet HTML 16Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.yageo.com
Oct. 25, 2021
V.0
Metal Film Resistors
13
16
Product Specification
FMP
Through Hole Resistors
FT TYPE (Taping Pack)
MT TYPE (Taping Pack)
Rated Watts : 0.5W
TYPE
DIMENSIONS
Unit: mm
Ultra
Miniature
H1
Max.
H2
Max.
H3
Max.
FMP100
10
18.5
8.5
FMP200
13
21.5
8.5
FMP3WS
16
24.5
8.5
PN TYPE (Taping Pack)
AV TYPE (Taping Pack)
TYPE
DIMENSIONS
Unit: mm
Ultra
Miniature
H1
Max.
H2
Max.
H3
Max.
FMP100
13
21.5
8.5
FMP200
17
25.5
8.5
FMP3WS
19
27.5
8.5
TYPE
DIMENSIONS
Unit: mm
Ultra
Miniature
H1
Max.
H2
Max.
H3
Max.
FMP100
11.5
20
8.5
FMP200
14.5
23
8.5
FMP3WS
17.5
26
8.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com