Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

61300211121 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza 61300211121
Descripción Electrónicos  3-phase inverter based on STSPIN32F0251
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

61300211121 Datasheet(HTML) 4 Page - STMicroelectronics

  61300211121 Datasheet HTML 1Page - STMicroelectronics 61300211121 Datasheet HTML 2Page - STMicroelectronics 61300211121 Datasheet HTML 3Page - STMicroelectronics 61300211121 Datasheet HTML 4Page - STMicroelectronics 61300211121 Datasheet HTML 5Page - STMicroelectronics 61300211121 Datasheet HTML 6Page - STMicroelectronics 61300211121 Datasheet HTML 7Page - STMicroelectronics 61300211121 Datasheet HTML 8Page - STMicroelectronics 61300211121 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
대
EVSPIN32F0251S1
Operating the evaluation board
•
The work area must be clean and tidy.
•
Do not work alone when boards are energized.
•
Protect against inadvertent access to the area where the board is energized using suitable barriers and
signs.
•
A system architecture that supplies power to the evaluation board must be equipped with additional control
and protective devices in accordance with the applicable safety requirements (i.e., compliance with technical
equipment and accident prevention rules).
•
Use non-conductive and stable work surface.
•
Use adequately insulated clamps and wires to attach measurement probes and instruments.
2. Electrical Safety:
•
Remove power supply from the board and electrical loads before performing any electrical measurement.
•
Proceed with the arrangement of measurement setup, wiring or configuration paying attention to high
voltage sections.
•
Once the setup is complete, energize the board.
Danger:
Do not touch the evaluation board when it is energized or immediately after it has been
disconnected from the voltage supply as several parts and power terminals containing potentially
energized capacitors need time to discharge.
Do not touch the boards after disconnection from the voltage supply as several parts like heat
sinks and transformers may still be very hot.
The kit is not electrically isolated from the AC/DC input. The USB interface of the board does not
insulate host computer from high voltage. When the board is supplied at a voltage outside the ELV
range, a proper insulation method such as a USB isolator must be used to operate the board.
3. Personal Safety
•
Always wear suitable personal protective equipment such as, for example, insulating gloves and safety
glasses.
•
Take adequate precautions and install the board in such a way to prevent accidental touch. Use protective
shields such as, for example, insulating box with interlocks if necessary.
DB3976 - Rev 1
page 4/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21