Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5641BS Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

No. de pieza 5641BS
Descripción Electrónicos  0.56 Inch Four Digits Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Página de inicio  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

5641BS Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  5641BS Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. 5641BS Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. 5641BS Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. 5641BS Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. 5641BS Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. 5641BS Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. 5641BS Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Model No.
Rev.
■
■
■
■ Features -
1. 0.56 inch (14.20mm) digit height.
2. Case mold type.
3. RoHS compliant.
4. Low current operation
5. Low power consumption.
6. Easy mounting on P.C. board or socket.
■
■
■
■ Mechanical Dimensions -
Notes:
1. All pins are Φ0.50[.020]mm
2. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1° unless otherwise noted.
3. Bending
≤Length*1%.
4.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page
: 2/7
A
Http://www.foryard.com
Model No.
:
:
:
:FYQ-5641BS-21
FYQ-5641BS-21



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com