Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7615EB Datasheet(PDF) 13 Page - Texas Instruments

No. de pieza DAC7615EB
Descripción Electrónicos  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7615EB Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC7615EB Datasheet HTML 9Page - Texas Instruments DAC7615EB Datasheet HTML 10Page - Texas Instruments DAC7615EB Datasheet HTML 11Page - Texas Instruments DAC7615EB Datasheet HTML 12Page - Texas Instruments DAC7615EB Datasheet HTML 13Page - Texas Instruments DAC7615EB Datasheet HTML 14Page - Texas Instruments DAC7615EB Datasheet HTML 15Page - Texas Instruments DAC7615EB Datasheet HTML 16Page - Texas Instruments DAC7615EB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
DAC7615E
Active
Production
SSOP (DB) | 20
70 | TUBE
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
DAC7615E
DAC7615E.A
Active
Production
SSOP (DB) | 20
70 | TUBE
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
DAC7615E
DAC7615E/1K
Active
Production
SSOP (DB) | 20
1000 | LARGE T&R
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
DAC7615E
DAC7615E/1K.A
Active
Production
SSOP (DB) | 20
1000 | LARGE T&R
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
DAC7615E
DAC7615EB
Active
Production
SSOP (DB) | 20
70 | TUBE
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
DAC7615E
B
DAC7615EB.A
Active
Production
SSOP (DB) | 20
70 | TUBE
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
DAC7615E
B
DAC7615EB/1K
Active
Production
SSOP (DB) | 20
1000 | LARGE T&R
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
DAC7615E
DAC7615EB/1K.A
Active
Production
SSOP (DB) | 20
1000 | LARGE T&R
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
DAC7615E
DAC7615U
Active
Production
SOIC (DW) | 16
40 | TUBE
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
DAC7615U
DAC7615U.A
Active
Production
SOIC (DW) | 16
40 | TUBE
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
DAC7615U
DAC7615U/1K
Active
Production
SOIC (DW) | 16
1000 | LARGE T&R
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
DAC7615U
DAC7615U/1K.A
Active
Production
SOIC (DW) | 16
1000 | LARGE T&R
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
DAC7615U
DAC7615UB
Active
Production
SOIC (DW) | 16
40 | TUBE
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
DAC7615U
B
DAC7615UB.A
Active
Production
SOIC (DW) | 16
40 | TUBE
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
DAC7615U
B
DAC7615UB/1K
Active
Production
SOIC (DW) | 16
1000 | LARGE T&R
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
DAC7615U
DAC7615UB/1K.A
Active
Production
SOIC (DW) | 16
1000 | LARGE T&R
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
DAC7615U
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18