Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CY74FCT541ATPC.Z Datasheet(PDF) 13 Page - Texas Instruments

No. de pieza CY74FCT541ATPC.Z
Descripción Electrónicos  8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

CY74FCT541ATPC.Z Datasheet(HTML) 13 Page - Texas Instruments

Back Button CY74FCT541ATPC.Z Datasheet HTML 6Page - Texas Instruments CY74FCT541ATPC.Z Datasheet HTML 7Page - Texas Instruments CY74FCT541ATPC.Z Datasheet HTML 8Page - Texas Instruments CY74FCT541ATPC.Z Datasheet HTML 9Page - Texas Instruments CY74FCT541ATPC.Z Datasheet HTML 10Page - Texas Instruments CY74FCT541ATPC.Z Datasheet HTML 11Page - Texas Instruments CY74FCT541ATPC.Z Datasheet HTML 12Page - Texas Instruments CY74FCT541ATPC.Z Datasheet HTML 13Page - Texas Instruments CY74FCT541ATPC.Z Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
13-May-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-9223701M2A
FK
LCCC
20
55
506.98
12.06
2030
NA
CY54FCT541TLMB
FK
LCCC
20
55
506.98
12.06
2030
NA
CY54FCT541TLMB.Z
FK
LCCC
20
55
506.98
12.06
2030
NA
CY74FCT541ATPC
N
PDIP
20
20
506
13.97
11230
4.32
CY74FCT541ATPC.Z
N
PDIP
20
20
506
13.97
11230
4.32
CY74FCT541ATSOC
DW
SOIC
20
25
507
12.83
5080
6.6
CY74FCT541ATSOC.Z
DW
SOIC
20
25
507
12.83
5080
6.6
CY74FCT541CTSOC
DW
SOIC
20
25
507
12.83
5080
6.6
CY74FCT541CTSOC.Z
DW
SOIC
20
25
507
12.83
5080
6.6
CY74FCT541TSOC
DW
SOIC
20
25
507
12.83
5080
6.6
CY74FCT541TSOC.Z
DW
SOIC
20
25
507
12.83
5080
6.6
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com