Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3725 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza 2N3725
Descripción Electrónicos  HIGH VOLTAGE, HIGH CURRENT SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3725 Datasheet(HTML) 5 Page - STMicroelectronics

  2N3725 Datasheet HTML 1Page - STMicroelectronics 2N3725 Datasheet HTML 2Page - STMicroelectronics 2N3725 Datasheet HTML 3Page - STMicroelectronics 2N3725 Datasheet HTML 4Page - STMicroelectronics 2N3725 Datasheet HTML 5Page - STMicroelectronics 2N3725 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
12.7
0.500
B
0.49
0.019
D
6.6
0.260
E
8.5
0.334
F
9.4
0.370
G
5.08
0.200
H
1.2
0.047
I
0.9
0.035
L45
o (typ.)
L
G
I
DA
H
TO39 MECHANICAL DATA
P008B
2N3725
5/6



Html Pages

1 2 3 4 5 6