Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

190120030 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

No. de pieza 190120030
Descripción Electrónicos  Hand Crimp Tool
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

190120030 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  190120030 Datasheet HTML 1Page - Molex Electronics Ltd. 190120030 Datasheet HTML 2Page - Molex Electronics Ltd. 190120030 Datasheet HTML 3Page - Molex Electronics Ltd. 190120030 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0.81mm, 16-14 AWG, Blue
Insulator, Loose
Avikrimp Fully Insulated Piggyback
Quick Disconnect, Tab 6.35 x
0.81mm, 12-10 AWG, Yellow
Insulator, Loose
196020006
Avikrimp Fully Insulated Piggyback
Quick Disconnect, Tab 6.35 x
0.81mm, 22-18 AWG, Red Insulator,
Tape
196020010
Avikrimp Fully Insulated Piggyback
Quick Disconnect, Tab 6.35 x
0.81mm, 16-14 AWG, Blue
Insulator, Tape
196020011
Avikrimp Fully Insulated Piggyback
Quick Disconnect, Tab 6.35 x
0.81mm, 12-10 AWG, Yellow
Insulator, Tape
196020012
This document was generated on Jun 13, 2025



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com