Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N08SP005 Datasheet(PDF) 4 Page - YAGEO Corporation

No. de pieza N08SP005
Descripción Electrónicos  NTC Thermistor SP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YAGEO [YAGEO Corporation]
Página de inicio  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

N08SP005 Datasheet(HTML) 4 Page - YAGEO Corporation

  N08SP005 Datasheet HTML 1Page - YAGEO Corporation N08SP005 Datasheet HTML 2Page - YAGEO Corporation N08SP005 Datasheet HTML 3Page - YAGEO Corporation N08SP005 Datasheet HTML 4Page - YAGEO Corporation N08SP005 Datasheet HTML 5Page - YAGEO Corporation N08SP005 Datasheet HTML 6Page - YAGEO Corporation N08SP005 Datasheet HTML 7Page - YAGEO Corporation N08SP005 Datasheet HTML 8Page - YAGEO Corporation N08SP005 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Nov.
27,
2023
Product Specification
SP series
NTC Inrush Current Limiter
Circuit Protection
www.yageo.com
Nov. 27, 2023 V.0
Specifications
Nominal
Diameter
(mm)
Part
Number
Zero Power
Resistance
at 25℃
Maximum
Steady
State
Current
at 25℃
Residual
Resistance
at
25℃ Imax
RImax
Typical value
Recommend
Capacitance
240Vac
Maximum
Steady
Power
Operating
Temperature
Range
U
L
T
U
V
Thermal
Time
Constant
Thermal
Dissipation
Constant
(Ω)
(A)
(Ω)
(s)
(mW/℃)
(μF)
(W)
(℃)
08
N08SP003
□
3
3
0.230
48
12
120
2.0
-40~+170
V
V
N08SP004
□
4
3
0.237
45
12
120
2.0
-40~+170
V
V
N08SP005
□
5
3
0.237
48
9
120
2.0
-40~+170
V
V
N08SP006
□
6
3
0.237
45
9
120
2.0
-40~+170
V
V
N08SP008
□
8
3
0.250
45
9
120
2.0
-40~+170
V
V
N08SP010
□
10
3
0.260
45
9
120
2.0
-40~+170
V
V
N08SP015
□
15
2
0.530
45
12
60
2.0
-40~+170
V
V
N08SP020
□
20
2
0.555
45
12
60
2.0
-40~+170
V
V
N08SP022
□
22
2
0.590
45
12
60
2.0
-40~+170
V
V
N08SP033
□
33
1.5
0.530
45
12
60
2.0
-40~+170
V
V
10
N10SP001
□
1
5
0.090
65
17
330
2.5
-40~+170
V
V
N10SP1R3
□
1.3
5
0.090
63
17
330
2.5
-40~+170
V
V
N10SP1R5
□
1.5
5
0.095
60
15
330
2.5
-40~+170
V
V
N10SP002
□
2
5
0.099
55
12
330
2.5
-40~+170
V
V
N10SP2R5
□
2.5
5
0.102
58
11
330
2.5
-40~+170
V
V
N10SP003
□
3
5
0.106
60
11
330
2.5
-40~+170
V
V
N10SP004
□
4
4
0.163
62
10
330
2.5
-40~+170
V
V
N10SP005
□
5
4
0.168
58
10
330
2.5
-40~+170
V
V
N10SP006
□
6
3
0.250
59
10
220
2.5
-40~+170
V
V
N10SP007
□
7
3
0.262
60
13
220
2.5
-40~+170
V
V
N10SP008
□
8
3
0.265
59
12
220
2.5
-40~+170
V
V
N10SP010
□
10
3
0.273
56
12
220
2.5
-40~+170
V
V
N10SP012
□
12
2
0.504
58
11
220
2.5
-40~+170
V
V
N10SP015
□
15
2
0.500
62
11
220
2.5
-40~+170
V
V
N10SP016
□
16
2
0.501
62
11
220
2.5
-40~+170
V
V
N10SP020
□
20
2
0.557
60
12
220
2.5
-40~+170
V
V
N10SP025
□
25
2
0.555
56
12
220
2.5
-40~+170
V
V
N10SP050
□
50
2
0.723
58
10
220
2.5
-40~+170
V
V
N10SP080
□
80
1
1.742
55
10
150
2.5
-40~+170
V
V
N10SP120
□
120
1
2.355
60
10
150
2.5
-40~+170
V
V
N10SP150□
150
1
2.500
55
10
150
2.5
-40~+170
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com