| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLRH1032 Datasheet(PDF) 14 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLRH1032 Datasheet(HTML) 14 Page - Toshiba Semiconductor |
|
14 / 17 page ![]() TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F) 2006-06-06 14 3. Tape dimensions Unit: mm Item Symbol Value Tolerance Item Symbol Value Tolerance Width W 8.0 ±0.2 B1 1.85 ±0.05 Carrier tape Thickness t1 0.2 ±0.05 Length B 1.3 ±0.05 Diameter D0 1.55 ±0.1 A 0.9 ±0.05 Pitch P0 4.0 ±0.1 Width A1 0.35 ±0.05 Feed hole Position E 1.75 ±0.1 Depth t2 0.52 ±0.05 Vertical Direction (1) P1 4.0 ±0.1 Cavity Diameter of mark hole D1 0.5 ±0.05 Vertical Direction (2) P2 2.0 ±0.1 Distance form center line Horizontal Direction F 3.5 ±0.1 P0 D0 X’ B B1 W P2 D1 P1 Y Y’ X E F X’ X A1 A Y t1 Y’ t2 Polarity |