Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADE9103 Datasheet(PDF) 32 Page - Analog Devices

No. de pieza ADE9103
Descripción Electrónicos  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 28Page - Analog Devices ADE9103 Datasheet HTML 29Page - Analog Devices ADE9103 Datasheet HTML 30Page - Analog Devices ADE9103 Datasheet HTML 31Page - Analog Devices ADE9103 Datasheet HTML 32Page - Analog Devices ADE9103 Datasheet HTML 33Page - Analog Devices ADE9103 Datasheet HTML 34Page - Analog Devices ADE9103 Datasheet HTML 35Page - Analog Devices ADE9103 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
APPLICATIONS INFORMATION
analog.com
Rev. A | 32 of 55
Figure 42. Maximum Allowable Current for Various Current to ADE9112 and
ADE9113 Spacings
CRYSTAL OSCILLATOR/EXTERNAL CLOCK
The ADE9103/ADE9112/ADE9113 requires either an external digital
clock signal or a crystal for operation. A digital clock signal is routed
to the XTALIN pin to clock the ADE9103/ADE9112/ADE9113. The
XTALOUT pin is left floating when XTALIN is provided an external
digital clock source. The requirements for external digital clock
source frequency, duty cycle, and voltage levels are provided in
Table 2.
When a crystal is used as the clock source for the ADE9103/
ADE9112/ADE9113, attach the crystal and the ceramic capacitors,
with capacitance of C1 and C2, as shown in Figure 43. It is not
recommended to attach an external feedback resistor in parallel to
the crystal.
Figure 43. Crystal Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55