Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCC4050B Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza HCC4050B
Descripción Electrónicos  RadHardened high voltage complementary MOS logic series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4050B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCC4050B Datasheet HTML 2Page - STMicroelectronics HCC4050B Datasheet HTML 3Page - STMicroelectronics HCC4050B Datasheet HTML 4Page - STMicroelectronics HCC4050B Datasheet HTML 5Page - STMicroelectronics HCC4050B Datasheet HTML 6Page - STMicroelectronics HCC4050B Datasheet HTML 7Page - STMicroelectronics HCC4050B Datasheet HTML 8Page - STMicroelectronics HCC4050B Datasheet HTML 9Page - STMicroelectronics HCC4050B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Package mechanical data
HCC4000B series
6/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
6.75
6.91
7.06
0.266
0.272
0.278
B
9.76
9.95
10.14
0.384
0.392
0.399
C
1.49
1.95
0.059
0.077
D
0.10
0.127
0.15
0.004
0.005
0.006
E
7.50
7.62
7.75
0.295
0.300
0.305
F
1.27
0.050
G
0.38
0.43
0.48
0.015
0.017
0.019
H
6.0
0.236
L
18.75
22.0
0.738
0.866
M
0.38
0.015
N
4.31
0.170
FPC-14 MECHANICAL DATA
016029E
1
7
8
14
F
G
D
H
A
B
M
N
H
C
L
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13