Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

063EC Datasheet(PDF) 19 Page - STMicroelectronics

No. de pieza 063EC
Descripción Electrónicos  DC/DC converter control circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

063EC Datasheet(HTML) 19 Page - STMicroelectronics

Back Button 063EC Datasheet HTML 15Page - STMicroelectronics 063EC Datasheet HTML 16Page - STMicroelectronics 063EC Datasheet HTML 17Page - STMicroelectronics 063EC Datasheet HTML 18Page - STMicroelectronics 063EC Datasheet HTML 19Page - STMicroelectronics 063EC Datasheet HTML 20Page - STMicroelectronics 063EC Datasheet HTML 21Page - STMicroelectronics 063EC Datasheet HTML 22Page - STMicroelectronics 063EC Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
MC34063AB - MC34063AC - MC34063EB - MC34063EC
Package mechanical data
19/23
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.3
0.130
a1
0.7
0.028
B1.39
1.65
0.055
0.065
B1
0.91
1.04
0.036
0.041
b
0.5
0.020
b10.38
0.5
0.015
0.020
D
9.8
0.386
E
8.8
0.346
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
7.1
0.280
I4.8
0.189
L
3.3
0.130
Z
0.44
1.6
0.017
0.063
Plastic DIP-8 mechanical data
P001F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23