Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1682 Datasheet(PDF) 23 Page - Abbatron All Rights Reserved

No. de pieza 1682
Descripción Electrónicos  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABBATRON [Abbatron All Rights Reserved]
Página de inicio  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

1682 Datasheet(HTML) 23 Page - Abbatron All Rights Reserved

Back Button 1682 Datasheet HTML 19Page - Abbatron All Rights Reserved 1682 Datasheet HTML 20Page - Abbatron All Rights Reserved 1682 Datasheet HTML 21Page - Abbatron All Rights Reserved 1682 Datasheet HTML 22Page - Abbatron All Rights Reserved 1682 Datasheet HTML 23Page - Abbatron All Rights Reserved 1682 Datasheet HTML 24Page - Abbatron All Rights Reserved 1682 Datasheet HTML 25Page - Abbatron All Rights Reserved 1682 Datasheet HTML 26Page - Abbatron All Rights Reserved 1682 Datasheet HTML 27Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
Insulated Banana Plugs
21
289
Shrouded Safety Banana Plug
•
Brass body has beryllium copper caged spring and is gold
plated.
•
Housing is molded nylon type 6/6.
•
Plug is supplied unassembled for immediate application.
Available in red (-102) or black (-103).
•
Each plug shown below has a special feature and each
is machined from brass and is nickel plated. Insulating
material is indicated in table.
•
Available in red (-102) or black (-103). Please add color
as suffix to part number.
PART NO.
ILLUS.
TYPE
HANDLE
WIRING
RATING
255
A
Right Angle
ABS
Solder Well
10 Amps - 1KV
285
B
Giant
Nylon
Solder Well
25 Amps - 2KV
A
B
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
289



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com