Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3FTL680201F044 Datasheet(PDF) 10 Page - APEM Components, Inc.

No. de pieza 3FTL680201F044
Descripción Electrónicos  basic switch modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MULTIMEC [APEM Components, Inc.]
Página de inicio  https://www.apem.com/idec-apem/en_IN
Logo MULTIMEC - APEM Components, Inc.

3FTL680201F044 Datasheet(HTML) 10 Page - APEM Components, Inc.

Back Button 3FTL680201F044 Datasheet HTML 2Page - APEM Components, Inc. 3FTL680201F044 Datasheet HTML 3Page - APEM Components, Inc. 3FTL680201F044 Datasheet HTML 4Page - APEM Components, Inc. 3FTL680201F044 Datasheet HTML 5Page - APEM Components, Inc. 3FTL680201F044 Datasheet HTML 6Page - APEM Components, Inc. 3FTL680201F044 Datasheet HTML 7Page - APEM Components, Inc. 3FTL680201F044 Datasheet HTML 8Page - APEM Components, Inc. 3FTL680201F044 Datasheet HTML 9Page - APEM Components, Inc. 3FTL680201F044 Datasheet HTML 10Page - APEM Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AQN-X.X
Bushing, all heights
Y
Y
Y
No change
1CXXX
Lens f. 1C/1H/1Q Buttons, all colours
Y
Y
N
No change, pls see note 2
V1
1EXXX
Lens f. 1E Buttons, all colours
Y
Y
N
No change, pls see note 2
V1
1FXXX
Lens f. 1F Buttons, all colours
Y
Y
N
No change, pls see note 2
V1
1RXX1
Round Transparent Lens For 1R
Y
Y
N
No change, pls see note 2
V1
2AXX
Dl Bezel, all colours
Y
Y
N
No change, pls see note 1
HB
2BXXX
Bezel/Lens, all colours
Y
Y
N
No change, pls see note 1
HB
2BXXX
Lens f. 2B Bezel, all colours
Y
Y
N
No change, pls see note 2
V1
2KXX
Lk Bezel f. 1K, all colours
Y
Y
N
No change, pls see note 1
HB
2RAS
Right Angle Support.
Y
Y
Y
No change
2S09-XX.X
Extender, Black Pps, all heights
Y
Y
Y
No change
V0
1A09XDXXX
Button 1A Down/all legends
Y
Y
N
No change, pls see note 1
HB
1A09XUXXX
Button 1A Up/all legends
Y
Y
N
No change, pls see note 1
HB
1B09XDXXX
Button 1b Down/0
Y
Y
N
No change, pls see note 1
HB
1B09XUXXX
Button 1B Up/all legends
Y
Y
N
No change, pls see note 1
HB
1D09XXX
Round Button/all legends
Y
Y
N
No change, pls see note 1
HB
1F096XXX
1F Button/Inverse legends
Y
Y
N
No change, pls see note 1
HB
1ZB09XDXXX
Button1ZB09 Down / all legends
Y
Y
N
No change, pls see note 1
HB
1ZC09XXX
Button 1ZC09 / all legends
Y
Y
N
No change, pls see note 1
HB
Note 1:
Complies with RoHS, however plastic material limited to 65°C.
Accessories must be mounted after soldering.
Note 2:
Complies with RoHS, however plastic material is limited to 85°C,
so excessive proces heat must be avoided.
041213
041213
4/4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com