Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2/09R1 Datasheet(PDF) 38 Page - Pentair Equipment Protection - Hoffman

No. de pieza 2/09R1
Descripción Electrónicos  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Página de inicio  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/09R1 Datasheet(HTML) 38 Page - Pentair Equipment Protection - Hoffman

Back Button 2/09R1 Datasheet HTML 30Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 31Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 32Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 33Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 34Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 35Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 36Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 37Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 38Page - Pentair Equipment Protection - Hoffman  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
38
UL Certified, Non-Plated Tubular Lugs
Lever tool for crimping tubular lugs #115
HOFFMAN
WIRE
STUD
DIMENSIONS (INCHES)
PART NO.
SIZE
SIZE
UL
AWG
(INCH)
D1
D2
B
C1
C2
I
L
1700
8
10
0.185
0.196
0.445
0.235
0.344
0.965
1.200
Y
1701
8
1/4
0.185
0.265
0.445
0.235
0.344
0.965
1.200
Y
1702
8
5/16
0.185
0.328
0.445
0.235
0.406
0.965
1.200
Y
1600
6
10
0.232
0.196
0.445
0.235
0.344
1.175
1.410
Y
1601
6
1/4
0.232
0.265
0.445
0.235
0.344
1.175
1.410
Y
1602
6
5/16
0.232
0.328
0.445
0.235
0.406
1.175
1.410
Y
1603
6
3/8
0.232
0.390
0.765
0.395
0.406
1.155
1.550
Y
1590
4
10
0.286
0.196
0.525
0.275
0.406
1.225
1.500
Y
1591
4
1/4
0.286
0.265
0.525
0.275
0.406
1.225
1.500
Y
1592
4
5/16
0.286
0.328
0.525
0.275
0.406
1.225
1.500
Y
1593
4
3/8
0.286
0.390
0.525
0.275
0.406
1.225
1.500
Y
1580
2
1/4
0.336
0.265
0.615
0.325
0.406
1.295
1.620
Y
1581
2
5/16
0.336
0.328
0.615
0.325
0.406
1.295
1.620
Y
1582
2
3/8
0.336
0.390
0.615
0.325
0.406
1.295
1.620
Y
1583
2
1/2
0.336
0.515
0.755
0.395
0.406
1.355
1.750
Y
1560
1
1/4
0.360
0.265
0.655
0.335
0.406
1.385
1.720
Y
1561
1
5/16
0.360
0.328
0.655
0.335
0.406
1.385
1.720
Y
1562
1
3/8
0.360
0.390
0.655
0.335
0.406
1.385
1.720
Y
1563
1
1/2
0.360
0.515
0.655
0.335
0.468
1.385
1.720
Y
1550
1/0
1/4
0.407
0.265
0.725
0.385
0.406
1.445
1.830
Y
1551
1/0
5/16
0.407
0.328
0.725
0.385
0.406
1.445
1.830
Y
1552
1/0
3/8
0.407
0.390
0.725
0.385
0.406
1.445
1.830
Y
1553
1/0
1/2
0.407
0.515
0.725
0.385
0.406
1.445
1.830
Y
1540
2/0
1/4
0.461
0.265
0.815
0.425
0.500
1.635
2.060
Y
1541
2/0
5/16
0.461
0.328
0.815
0.425
0.500
1.635
2.060
Y
1542
2/0
3/8
0.461
0.390
0.815
0.425
0.500
1.635
2.060
Y
1543
2/0
1/2
0.461
0.515
0.815
0.425
0.500
1.635
2.060
Y
1530
3/0
1/4
0.511
0.265
0.895
0.465
0.500
1.695
2.160
Y
1531
3/0
5/16
0.511
0.328
0.895
0.465
0.500
1.695
2.160
Y
1532
3/0
3/8
0.511
0.390
0.895
0.465
0.500
1.695
2.160
Y
1533
3/0
1/2
0.511
0.515
0.895
0.465
0.500
1.695
2.160
Y
1521
4/0
5/16
0.559
0.328
0.985
0.505
0.546
1.845
2.350
Y
1522
4/0
3/8
0.559
0.390
0.985
0.505
0.546
1.845
2.350
Y
1523
4/0
1/2
0.559
0.515
0.985
0.505
0.546
1.845
2.350
Y
For tin plated add T at the end of the part number, 1521T
TUBULAR LUGS
PREVIOUS
SECTION
NEXT
SECTION
PREVIOUS
SECTION
NEXT
SECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38