| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MICROSMD050F Datasheet(PDF) 6 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
MICROSMD050F Datasheet(HTML) 6 Page - Littelfuse |
|
6 / 20 page ![]() 120 RoHS Compliant, ELV Compliant HF Halogen Free 12 femtoSMDC Series Size 1608 mm/0603 mils femtoSMDC005F 0.05 0.15 15 40 0.50 0.50 0.10 3.80 30.00 S2 femtoSMDC008F 0.08 0.20 12 40 0.50 0.60 0.10 2.80 14.00 S2 femtoSMDC010F 0.10 0.25 12 40 0.50 0.70 0.10 1.70 8.00 S2 femtoSMDC012F 0.12 0.30 9 40 0.50 0.80 0.10 1.10 5.80 S2 femtoSMDC016F 0.16 0.40 9 40 0.50 1.00 0.10 1.00 4.20 S2 femtoSMDC020F 0.20 0.45 9 40 0.50 2.00 0.10 0.70 3.00 S2 femtoSMDC035F 0.35 0.70 6 40 0.50 3.50 0.10 0.28 1.00 S2 picoSMDC Series Size 2012 mm/0805 mils picoSMDC010S 0.10 0.30 15 100 0.50 0.50 0.60 1.50 11.00 S2 picoSMDC012S 0.12 0.30 15 100 0.50 1.00 0.10 1.50 9.00 S2 picoSMDC020S 0.20 0.47 9 100 0.50 2.00 0.10 0.75 3.20 S2 picoSMDC035S 0.35 0.75 6 100 0.50 1.75 0.20 0.35 1.40 S2 picoSMDC050S 0.50 1.00 6 100 0.50 8.00 0.10 0.15 0.80 S2 picoSMDC075S* 0.75 1.72 6 40 0.60 8.00 0.10 0.10 0.31 S2 picoSMDC110S* 1.10 2.10 6 40 0.60 8.00 0.20 0.05 0.16 S2 nanoSMDC Series Size 3216 mm/1206 mils nanoSMDC012F 0.12 0.39 48 10 0.50 1.00 0.20 1.40 6.50 S2 nanoSMDC016F 0.16 0.45 48 10 0.50 1.00 0.30 1.10 5.00 S2 nanoSMDC020F 0.20 0.42 24 100 0.60 8.00 0.10 0.65 3.10 S2 nanoSMDC025F 0.25 0.58 16 100 0.60 8.00 0.01 0.55 2.30 S2 nanoSMDC035F 0.35 0.75 16 20 0.60 3.50 0.10 0.45 1.35 S2 nanoSMDC050F/13.2 0.50 1.10 13.2 100 0.80 8.00 0.10 0.20 0.75 S2 nanoSMDC075F 0.75 1.50 6 100 0.80 8.00 0.10 0.09 0.30 S2 nanoSMDC110F 1.10 2.20 6 100 0.80 8.00 0.10 0.07 0.20 S2 nanoSMDC150F 1.50 3.00 6 100 0.80 8.00 0.30 0.04 0.11 S2 nanoSMDC200F 2.00 4.00 6 100 1.00 8.00 1.50 0.02 0.072 S2 * Data is preliminary Part Number IH (A) IT (A) VMAX (VDC) IMAX (A) PD MAX (W) Max. Time-to-Trip (A) (S) RMIN ( Ω) R1MAX ( Ω) Figure for Dimensions Table S3 Electrical Characteristics for Surface-mount Devices at Room Temperature Ambient Temperature (˚C) 200 180 160 140 120 100 80 60 40 20 0 -40 -20 0 20 40 60 80 100 120 B A A B C C Figure S1 A= femtoSMD / picoSMD / nanoSMD / microSMD / miniSMD / decaSMD and SMD B= miniSMDE190F C= SMDH120 and SMDH160 Figure S1 Thermal Derating Curve for Surface-mount Devices NEW coming soon NEW NEW NEW NEW NEW NEW NEW coming soon NEW NEW |