Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MS4012D Datasheet(PDF) 34 Page - Positronic.

No. de pieza MS4012D
Descripción Electrónicos  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POSITRONIC [Positronic.]
Página de inicio  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

MS4012D Datasheet(HTML) 34 Page - Positronic.

Back Button MS4012D Datasheet HTML 30Page - Positronic. MS4012D Datasheet HTML 31Page - Positronic. MS4012D Datasheet HTML 32Page - Positronic. MS4012D Datasheet HTML 33Page - Positronic. MS4012D Datasheet HTML 34Page - Positronic. MS4012D Datasheet HTML 35Page - Positronic. MS4012D Datasheet HTML 36Page - Positronic. MS4012D Datasheet HTML 37Page - Positronic. MS4012D Datasheet HTML 38Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
Straight Printed Board Mount – 0.020 inch
[0.51mm] diameter.
Right Angle (90°) Printed Board Mount –
0.030 inch [0.76 mm] diameter.
Power Contacts,
Terminations:
Size 16 contacts- printed board terminations
with 0.063 inch [1.60mm] diameters.
Size 8 contacts - printed board terminations
with 0.078 inch [1.98mm], 0.094 inch
[2.39mm] and 0.125 inch [3.18mm]
termination diameters.
Shielded Contacts,
Removable:
See table of cable sizes for contact
termination dimensions, page 78.
High Voltage Contacts:
Straight and right angle (90°) terminations –
0.041 inch [1.04mm] minimum hole diameter.
Shells:
Male shells may be dimpled for EMI/ESD
ground paths.
Polarization:
Trapezoidally shaped shells and polarized
jackscrews.
Mounting to
Angle Brackets:
Jackscrews and riveted fasteners with 0.120
inch [3.05mm] diameter hole, and threaded
riveted fasteners with 4-40 threads and nylon
inserts.
Mounting to
Printed Board:
Rapid installation push-on fasteners and
threaded posts.
Locking Systems:
Jackscrews and vibration locking systems.
Mechanical Operations:
Open entry, 500 operations. PosiBand closed
entry, 1000 operations minimum. Per IEC
60512-5.
ELECTRICAL CHARACTERISTICS:
SIZE 22 CONTACT
Contact Current Rating:
5 amperes nominal.
Initial Contact Resistance:
0.010 ohms maximum for open entry
0.005 ohms maximum for closed entry
Proof Voltage:
1000 V r.m.s.
TECHNICAL CHARACTERISTICS, continued
SIZE 16 CONTACTS
POWER CONTACTS
Contact Current Rating - Tested per UL 1977:
Standard Contact Material:
28 amperes.
High Conductivity Contact Material:
40 amperes.
See Temperature Rise Curves on page 2 for details.
Initial Contact Resistance:
Standard Contact Material:
0.0016 ohms max. Per IEC
60512-2, Test 2b.
High Conductivity
Contact Material:
0.001 ohms max. Per IEC
60512-2, Test 2b.
Proof Voltage:
1000 V r.m.s.
SIZE 8 CONTACTS
POWER CONTACTS
For electrical characteristics, see page 4.
SHIELDED CONTACTS
For electrical characteristics, see page 69.
HIGH VOLTAGE CONTACTS
For electrical characteristics, see page 69.
CONNECTOR
Insulation Resistance:
5 G ohms.
Clearance and
Creepage Distance:
0.042 inch [1.06mm] minimum.
Working Voltage:
300 V r.m.s.
CLIMATIC CHARACTERISTICS:
Temperature Range:
-55°C to +125°C.
Damp Heat, Steady State:
10 days.
THERMOCOUPLE CONTACTS:
Straight and right angle PCB mount contacts are available, please contact
Technical Sales for details.
Size 22 crimp contacts are available in CBCD series, see page 71 for
details.
continued from previous page. . . .
*1 CONTACT VARIANT
FACE VIEW OF MALE OR REAR VIEW OF FEMALE
SHELL SIZE 1
8W2
Six Size 22 Signal Contacts and
Two Size 16 Power Contacts
19W1
Eighteen Size 22 Signal Contacts
and One Size 8 Power Contact
SHELL SIZE 2
NOTES:
*1 Additional contact variants may be tooled
at customer request.
*2 For technical, dimensional and PCB layout
information on 15W4 variants, contact
Technical Sales.
*3 45W2 variant currently available in male
only. Contact Technical Sales for availability
of female connector.
*3 45W2
Forty-three Size 22 Signal Contacts
and Two Size 8 Power Contacts
SHELL SIZE 4
NEW!
SHELL SIZE 3
*2 15W4
Eleven Size 22 Signal Contacts
and Four Size 8 Power Contacts
Note: Connectors can be kitted with
all applicable removable contacts,
contact Technical Sales for
connector part number.
28
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
HIGH DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com