Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74HCU04AF Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TC74HCU04AF
Descripción Electrónicos  Hex Inverter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCU04AF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74HCU04AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HCU04AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HCU04AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HCU04AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HCU04AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HCU04AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HCU04AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HCU04AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HCU04AF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC74HCU04AP/AF/AFN/AFT
2007-10-01
3
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
⎯
2.0
4.5
6.0
1.7
3.6
4.8
⎯
⎯
⎯
⎯
⎯
⎯
1.7
3.6
4.8
⎯
⎯
⎯
V
Low-level input
voltage
VIL
⎯
2.0
4.5
6.0
⎯
⎯
⎯
⎯
⎯
⎯
0.3
0.9
1.2
⎯
⎯
⎯
0.3
0.9
1.2
V
VIN
= VIL
IOH = −20 μA
2.0
4.5
6.0
1.8
4.0
5.5
2.0
4.5
5.9
⎯
⎯
⎯
1.9
4.0
5.5
⎯
⎯
⎯
High-level output
voltage
VOH
VIN
= GND
IOH = −4 mA
IOH = −5.2 mA
4.5
6.0
4.18
5.68
4.31
5.80
⎯
⎯
4.13
5.63
⎯
⎯
V
VIN
= VIH
IOL = 20 μA
2.0
4.5
6.0
⎯
⎯
⎯
0.0
0.0
0.1
0.2
0.5
0.5
⎯
⎯
⎯
0.2
0.5
0.5
Low-level output
voltage
VOL
VIN
= VCC
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
⎯
⎯
0.17
0.18
0.26
0.26
⎯
⎯
0.33
0.33
V
Input leakage
current
IIN
VIN = VCC or GND
6.0
⎯
⎯
±0.1
⎯
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
⎯
⎯
1.0
⎯
10.0
μA
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
⎯
⎯
4
8
ns
Propagation delay time
tpLH
tpHL
⎯
⎯
4
8
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com