| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC74ACT373F Datasheet(PDF) 2 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC74ACT373F Datasheet(HTML) 2 Page - Toshiba Semiconductor |
|
2 / 9 page ![]() TC74ACT373P/F/FT 2007-10-01 2 Pin Assignment IEC Logic Symbol Truth Table Inputs Output OE LE D Q H X X Z L L X Qn L H L L L H H H X: Don’t care Z: High impedance Qn: Q outputs are latched at the time when the LE input is taken to a low logic level. System Diagram VCC 20 Q7 D7 D6 Q6 Q5 19 18 17 16 15 14 OE 1 2 3 4 5 6 7 Q0 D0 D1 Q1 Q2 D2 D5 8 9 10 D3 Q3 GND 13 12 11 D4 Q4 LE (top view) (11) (1) (3) (7) (4) D1 1D D3 D2 (13) (8) (14) D5 D4 (2) (6) (12) Q1 Q3 Q5 (5) (9) (15) Q2 Q4 Q6 EN C1 LE OE D6 (17) (18) D7 (16) Q7 (19) Q0 D0 OE LE 11 3 2 L Q D Q1 D1 5 L Q D Q2 D2 6 L Q D Q3 D3 9 L Q D Q4 D4 12 L Q D Q5 D5 15 L Q D Q6 D6 16 L Q D Q7 D7 19 L Q D Q0 D0 4 7 8 13 14 17 18 1 D |