Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCF4097BM1 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza HCF4097BM1
Descripción Electrónicos  ANALOG DIFFERENTIAL 8 CHANNEL MULTIPLEXER/DEMULTIPLEXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4097BM1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HCF4097BM1 Datasheet HTML 2Page - STMicroelectronics HCF4097BM1 Datasheet HTML 3Page - STMicroelectronics HCF4097BM1 Datasheet HTML 4Page - STMicroelectronics HCF4097BM1 Datasheet HTML 5Page - STMicroelectronics HCF4097BM1 Datasheet HTML 6Page - STMicroelectronics HCF4097BM1 Datasheet HTML 7Page - STMicroelectronics HCF4097BM1 Datasheet HTML 8Page - STMicroelectronics HCF4097BM1 Datasheet HTML 9Page - STMicroelectronics HCF4097BM1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HCF4097B
9/10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.2
0.004
0.008
a2
2.45
0.096
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.012
C
0.5
0.020
c1
45˚ (typ.)
D
15.20
15.60
0.598
0.614
E
10.00
10.65
0.393
0.419
e
1.27
0.050
e3
13.97
0.550
F
7.40
7.60
0.291
0.300
L
0.50
1.27
0.020
0.050
S
˚ (max.)
SO-24 MECHANICAL DATA
PO13T
L
E
e
D
e3
b
24
13
11
2
c1
s
8



Html Pages

1 2 3 4 5 6 7 8 9 10