Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISUM6095 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

No. de pieza ISUM6095
Descripción Electrónicos  Standard Rectifier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISUM6095 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISUM6095 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISUM6095 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISUM6095 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISUM6095
eq DMA200YC1600NA
Standard Rectifier Diode
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF= 70A,TJ=25℃
--
--
1.55
V
IF= 70A,TJ=125℃
--
--
1.20
IF= 210A,TJ=25℃
--
--
1.69
IF= 210A,TJ=125℃
--
--
1.76
IR
Reverse Current
VR= VRRM;TJ=25℃
--
--
50
uA
VR= VRRM;TJ=125℃
--
--
1.5
mA
PACKAGE OUTLINE (UNIT: MM):



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com