Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP86CS25AFG Datasheet(PDF) 79 Page - Toshiba Semiconductor

No. de pieza TMP86CS25AFG
Descripción Electrónicos  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG Datasheet(HTML) 79 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 75Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 76Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 77Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 78Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 79Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 80Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 81Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 82Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 83Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 194 page
background image
Page 69
TMP86CS25AFG
7. Time Base Timer (TBT)
The time base timer generates time base for key scanning, dynamic displaying, etc. It also provides a time base
timer interrupt (INTTBT).
7.1 Time Base Timer
7.1.1 Configuration
Figure 7-1 Time Base Timer configuration
7.1.2 Control
Time Base Timer is controled by Time Base Timer control register (TBTCR).
Note 1: fc; High-frequency clock [Hz], fs; Low-frequency clock [Hz], *; Don't care
Time Base Timer Control Register
7
6
54
32
10
TBTCR
(0036H)
(DVOEN)
(DVOCK)
(DV7CK)
TBTEN
TBTCK
(Initial Value: 0000 0000)
TBTEN
Time Base Timer
enable / disable
0: Disable
1: Enable
TBTCK
Time Base Timer interrupt
Frequency select : [Hz]
NORMAL1/2, IDLE1/2 Mode
SLOW1/2
SLEEP1/2
Mode
R/W
DV7CK = 0
DV7CK = 1
000
fc/223
fs/215
fs/215
001
fc/221
fs/213
fs/213
010
fc/216
fs/28
–
011
fc/214
fs/26
–
100
fc/213
fs/25
–
101
fc/212
fs/24
–
110
fc/211
fs/23
–
111
fc/29
fs/2
–
fc/223 or fs/215
fc/221 or fs/213
fc/216 or fs/28
fc/214 or fs/26
fc/213 or fs/25
fc/212 or fs/24
fc/211 or fs/23
fc/29 or fs/2
TBTCR
TBTEN
TBTCK
3
MPX
Source clock
Falling edge
detector
Time base timer control register
INTTBT
interrupt request
IDLE0, SLEEP0
release request