| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SC2R7103Z Datasheet(PDF) 1 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
SC2R7103Z Datasheet(HTML) 1 Page - DB Lectro Inc |
|
1 / 2 page ![]() 2.7V/1.0F SC2R7103Z Dimensions in mm(not to scale) Specifications Items Specification Nominal capacitance 1.0F Capacitance tolerance -20%~+80% (at 25℃) Rated voltage 2.7V ESR (1kHz) ≤25Ω Weight 0.65g±0.05g Dimension ( фDхL mm) Ф 12.75×2.4 Solder fashion V type,H type Operation temperature -25 - 70℃ Storage temperature -40 ~ 85℃ High/low temperature characteristics From -25℃ to +70℃ , |ΔC | ≤ 30% and ESR ≤ 4 times of initially measured values Moistureproof characteristics After fully charge, storage 500 hours at 55℃:and 90- 95%RH, |ΔC | ≤ 30% and ESR ≤ 4 times of initially measured values Load life test After 1,000 hours application under 2.7V DC at 70℃ , |ΔC| ≤ 30% of the initial value and ESR ≤4 times of initially measured values Cycle life Charge-discharge for 100,000 cycles at 2.7V and 25℃, |ΔC| ≤ 30% and ESR ≤4 times of initially measured value DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |
Número de pieza similar - SC2R7103Z |
|
Descripción similar - SC2R7103Z |