Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72682R20 Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza ST72682R20
Descripción Electrónicos  USB 2.0 high-speed Flash drive controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72682R20 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST72682R20 Datasheet HTML 9Page - STMicroelectronics ST72682R20 Datasheet HTML 10Page - STMicroelectronics ST72682R20 Datasheet HTML 11Page - STMicroelectronics ST72682R20 Datasheet HTML 12Page - STMicroelectronics ST72682R20 Datasheet HTML 13Page - STMicroelectronics ST72682R20 Datasheet HTML 14Page - STMicroelectronics ST72682R20 Datasheet HTML 15Page - STMicroelectronics ST72682R20 Datasheet HTML 16Page - STMicroelectronics ST72682R20 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ST72682
NAND Flash memory interface
13/36
4.1
NAND Flash error correction
No NAND Flash memory arrays are guaranteed by manufacturers to be error-free. Error
occurrence depends on the Flash cell type (MLC or SLC).
The ST72682 embeds hardware and firmware mechanisms to correct the errors.
4.1.1
Hardware error correction
The ST72682 embeds a Reed-Solomon algorithm-based hardware cell. This cell directly
manages 512-byte data packets on the NAND I/O system.
Based on the data packet content, the cell generates an 80-bit Error Correction Code (ECC)
consisting of 8 words, each containing 10 bits.
During write operations to NAND memory, the 512-bytes of data and the ECC are stored
together in the same page. The ECC is stored in the corresponding Redundant Area (RA),
using 10 bytes.
During read operations, the 512-bytes of data and the 8 ECC words are read back and are
passed through the Reed-Solomon cell for decoding. The cell allows the correction of 4
symbols in this 520-symbol packet (512 symbols from data + 8 symbols from ECC).
The hardware cell gives three possible results:
■
No error detected: the data packet can be used as it is.
■
Correctable error detected: the corrected data are available in a specific 512-byte buffer
in the Reed-Solomon cell and are ready to be used.
■
Uncorrectable error detected: data corruption cannot be repaired.
4.1.2
Firmware error management
The firmware defines the error correction possibilities with the corrected data packet.
When data cannot be repaired, the block is considered as a bad block and is replaced by
another one. See Section 4.2 for further information on bad block management.
NAND Flash part number
NAND Flash size (Mbytes or
Gbytes) and type
Number of NAND Flash devices supported
ST72682/R20 device
ST72682/R21 device
Hynix HY27UH088G2M
1 GB; SLC2K; Single CE
1, 2, 4, 6 or 8
1, 2, 4, 6 or 8
Hynix HY27UT084G2M
512 MB; MLC2K; Single CE
1, 2, 4, 6 or 8
1, 2, 4, 6 or 8
Hynix HY27UU088G5M
1 GB; MLC2K; Dual CE
2 or 4
1, 2 or 4
Micron 29F2G08AA
256 MB; SLC2K; Single CE
1, 2, 4, 6 or 8
1, 2, 4, 6 or 8
Micron 29F4G08BA
512 MB; SLC2K; Single CE
1, 2, 4, 6 or 8
1, 2, 4, 6 or 8
Micron 29F8G08FA
1 GB; SLC2K; Dual CE
2 or 4
1, 2 or 4
Table 7.
Known NAND Flash memory compatibility guide for ST72682/R20 and ST72682/R21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36