Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AX3901 Datasheet(PDF) 2 Page - AXElite technology co. ltd

No. de pieza AX3901
Descripción Electrónicos  18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AXELITE [AXElite technology co. ltd]
Página de inicio  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3901 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3901 Datasheet HTML 1Page - AXElite technology co. ltd AX3901 Datasheet HTML 2Page - AXElite technology co. ltd AX3901 Datasheet HTML 3Page - AXElite technology co. ltd AX3901 Datasheet HTML 4Page - AXElite technology co. ltd AX3901 Datasheet HTML 5Page - AXElite technology co. ltd AX3901 Datasheet HTML 6Page - AXElite technology co. ltd AX3901 Datasheet HTML 7Page - AXElite technology co. ltd AX3901 Datasheet HTML 8Page - AXElite technology co. ltd AX3901 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/17
Axelite Confidential Materials, do not copy or distribute without written consent
Rev.1.1 Oct 02, 2019
AX3901
Applications
-
Datacom. DSL CPE Graphics Cards
-
Set-Top-Box, DVD
-
Servers/Networking
-
DSP and FPGA Power Supply
-
Telecomm Equipment
-
DC-DC Regulator Modules
-
LCD Monitor and LCD TV
BLOCK DIAGRAM
PIN ASSIGNMENT
The packages of AX3901 are SOT-23-6L and TDFN-6L; the pin assignment is given by:
(Top View)
SOT-23-6L
3
6
4
1
GND
EN
BST
SW
5
FB
VIN
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com