Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R2949 Datasheet(PDF) 2 Page - Hamamatsu Corporation

No. de pieza R2949
Descripción Electrónicos  PHOTOMULTIPLIER TUBE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMAMATSU [Hamamatsu Corporation]
Página de inicio  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R2949 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R2949_06 Datasheet HTML 1Page - Hamamatsu Corporation R2949_06 Datasheet HTML 2Page - Hamamatsu Corporation R2949_06 Datasheet HTML 3Page - Hamamatsu Corporation R2949_06 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAXIMUM RATINGS (Absolute Maximum Values)
CHARACTERISTlCS (at 25
°C)
PHOTOMULTIPLIER TUBES R2949
NOTES
A:
B:
C:
D:
E:
Averaged over any interval of 30 seconds maximum.
The light source is a tungsten filament lamp operated at a distribution
temperature of 2856K. Supply voltage is 100 V between the cathode and
all other electrodes connected together as anode.
Red/White ratio is the quotient of the cathode current measured using a
red filter (Toshiba R-68) interposed between the light source and the tube
by the cathode current measured with the filter removed under the same
conditions as Note B.
The value is cathode output current when a blue filter (Corning CS 5-58
polished to 1/2 stock thickness) is interposed between the light source and
the tube under the same condition as Note B.
Measured with the same light source as Note B and with the anode-to-
cathode supply voltage and voltage distribution ratio shown in Table 1.
H:
J:
K:
The rise time is the time for the output pulse to rise from 10 % to 90 % of the
peak amplitude when the entire photocathode is illuminated by a delta
function light pulse.
The electron transit time is the interval between the arrival of delta function
light pulse at the entrance window of the tube and the time when the anode
output reaches the peak amplitude. In measurement, the whole photo-
cathode is illuminated.
Hysteresis is temporary instability in anode current after light and voltage
are applied.
where
q = Electronic charge (1.60
× 10-19 coulomb).
ldb = Anode dark current (after 30 minute storage) in amperes.
G = Gain.
∆f = Bandwidth of the system in hertz. 1 hertz is used.
S = Anode radiant sensitivity in amperes per watt at the wave-
length of peak response.
F:
G:
Measured with the same supply voltage and voltage distribution ratio as
Note E after 30 minute storage in darkness.
ENI is an indication of the photon-limited signal-to-noise ratio. It refers to
the amount of light in watts to produce a signal-to-noise ratio of unity in the
output of a photomultiplier tube.
ENI =
S
2q.ldb.G.
∆f
Electrode
K
Dy1 Dy2 Dy3 Dy4 Dy5 Dy6 Dy7 Dy8 Dy9
P
Distribution
Ratio
11
1
1
1
1
1
1
1
1
SuppIy Voltage: 1000 V, K: Cathode,
Dy: Dynode,
P: Anode
Table 1:Voltage Distribution Ratio
Hysteresis =
× 100 (%)
lmax.
li
lmin.
TPMSB0002EA
TIME
max.
l
min.
l
i
l
0
5
6
7 (minutes)
Value
1250
250
0.1
V
V
mA
Unit
Parameter
Supply Voltage
Average Anode Current A
Typ.
Unit
500
25
%
µA/lm
mA/W
mA/W
mA/W
mA/W
mA/W
A/lm
A/W
A/W
A/W
A/W
A/W
s-1
s-1
nA
W
ns
ns
%
%
25.3
200
18
52
68
41
3.5
0.3
7.5
2000
1.8
× 105
5.2
× 105
6.8
× 105
4.1
× 105
3.5
× 104
1.0
× 107
300
3
2
1.2
× 10-16
2.2
22
0.1
1.0
Max.
Min.
Quantum Efficiency
Luminous B
Radiant
Red/White Ratio C
Blue Sensitivity Index D
Luminous E
Radiant
Anode Pulse Rise Time H
Electron Transit Time J
Light Hysteresis
Voltage Hysteresis
at 255 nm
at 194 nm
at 254 nm
at 400 nm
at 633 nm
at 852 nm
at 194 nm
at 254 nm
at 400 nm
at 633 nm
at 852 nm
at +25
°C
at -20
°C
140
0.1
1000
Parameter
Cathode Sensitivity
Anode Sensitivity
Gain E
Anode Dark Count F
Anode Dark Current F (After 30 min Storage in Darkness)
ENI (Equivalent Noise Input) G
Time Response E
Anode Current Stability K
Between Anode and Cathode
Between Anode and Last Dynode



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com