Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

407C Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

No. de pieza 407C
Descripción Electrónicos  1/16 DIN Multi-Mode Timer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATC [Automatic Timing & Controls, Inc.]
Página de inicio  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

407C Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  407C Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 407C Datasheet HTML 2Page - Automatic Timing & Controls, Inc. 407C Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
40
SPECIFICATIONS
SPECIFICATIONS (CONTINUED)
WIRING
MODEL NUMBER
MINIMUM
2% of range, with the exception of
SETTING
50 mSEC on the 1 second range
SETTING ACCURACY ±5% of range
RESET
a
0 to 20 mSEC power interruption:
guaranteed no reset.
b
20 to 65 mSEC; it may reset (40
mSEC typical reset).
c
Over 65 mSEC guaranteed to reset.
The TDR will reset properly and not start
timing when subjected to an open start
switch leakage of 1.5 mA or less.
(Prox switch & Triac drive applications)
TERMINAL #6
DC Minimum Current Rating - 50mA
(START SWITCH
Maximum saturated voltage drop -
REQUIREMENTS
1.5 VDC
OFF-DELAY)
AC Minimum Current Rating - 1.5 A
WEIGHT
5 oz. (140 g)
MODEL
407C
3
NUMBER
RANGE
Six dial-selected ranges
100
(1 or 10 SEC/MIN/HRS)
Six dial-selected ranges
500
(5 or 50 SEC/MIN/HRS)
VOLTAGE & FREQUENCY
12 VDC
E
24 to 240 VAC (50/60 Hz)
F
and 24 VDC
24 VDC (low inrush current for
N
short-circuit protected sensors)
ARRANGEMENT
11-pin ON -Delay, OFF-Delay,
3
Interval Timing Modes
FEATURES
Standard
X
Special
K
ACCESSORIES
11-Pin surface/DIN rail socket
000-825-86-00
Hold down for above socket
405-025-07-00
(Requires 2 per unit)
Panel mounting bracket
405-320-02-00
Plug-in socket kit (11-pin)
314-260-07-00
MODEL 407C...F3X
LED Indicator
TERMINAL WIRING
CAUTION: Do NOT connect
terminal 6 to L1 (AC Hot or DC+).
Damage to unit will result.
Terminal 6 is a dry contact only!
MODELS
407C100F3X ON-Delay, OFF-Delay, Interval
Timing with (1) DPDT relay
(1 or 10 SEC/MIN/HRS)
407C500F3X ON-Delay, OFF-Delay, Interval
Timing with (1) DPDT relay
(5 or 50 SEC/MIN/HRS)
Both models available in 6 ranges from 1 SEC to
10 HRS or 5 SEC to 50 HRS
CONTACT
Rated 10 AMPS resistive at 30 VDC or 250 VAC
RATING
(or less) 1/8 HP @120 VAC 1/4 HP @ 240 VAC,
240 VA @ 240 VAC
LIFE:10 million operation with no load
100,000 operations with:
10 AMPS at 30 VDC (or less) or
10 AMPS at 250 VAC (or less)
CONTACT
Silver Nickel
MATERIAL
TEMPERATURE
0° to 122°F (-18°C to 50°C)
RATING
MOUNTING
Plug-in 11-Pin round base
Options:
Surface mounting socket
DIN rail mounting socket
Panel-mounting adapter kit
Plug-on socket kit
POWER
Universal power supply - reverse polarity protected
REQUIREMENTS
Unit will accept power from 24 to 240 VAC, 50 or
60 Hz, (+10%, -20%) 24 VDC (+20%, -20%)
AC Inrush - 1.5 Amps
Power required - 1.2 watts
DC Maximum ripple @ 100 Hz - 5%
Current required - 50mA
Power required - 1.2 watts
F option - Peak inrush current
= 2 AMPS @ 24 VDC
N option - Peak inrush current
= 150 mA @ 24 VDC
REPEAT
Varies as a function of temperature.
ACCURACY
Any voltage (constant temperature): –0.5%*
Any voltage (0 F to 140 F): –2.0%*
*Variation from average actual time.
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com