Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

324C Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

No. de pieza 324C
Descripción Electrónicos  Precision Switch Cam Programmer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATC [Automatic Timing & Controls, Inc.]
Página de inicio  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

324C Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  324C Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 324C Datasheet HTML 2Page - Automatic Timing & Controls, Inc. 324C Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
21
MODEL NUMBER
324C
NUMBER OF SWITCHES
1 Switch , 3 Cams
01
2 Switches, 3 Cams
02
3 Switches, 3 Cams
03
4 Switches, 6 Cams
04
5 Switches, 6 Cams
05
6 Switches, 6 Cams
06
7 Switches, 9 Cams
07
8 Switches, 9 Cams
08
9 Switches, 9 Cams
09
CYCLE TIME MOTOR SPEED
No Motor
0
5 rpm
A
150 rph
B
15 rph
E
5 rph (120 VAC only)
F
2.5 rph
G
1 rph
H
1/6 rph (120 VAC only)
L
CYCLE TIME MOTOR PINION
No Motor
0
24 Teeth (300-495-01-00)
1
30 Teeth (300-495-02-00)
2
40 Teeth (300-495-03-00)
3
CYCLE TIME CAM SHAFT GEAR
No Motor
0
30 Teeth (300-495-11-00)
A
36 Teeth (300-495-12-00)
B
40 Teeth (300-495-13-00)
C
45 Teeth (300-495-14-00)
D
50 Teeth (300-495-17-00)
E
55 Teeth (300-495-15-00)
F
60 Teeth (300-495-16-00)
G
OPERATION
Repeat Cycle/Stop Cycle
R
Dynamic Brake1
Eternal Drive by user,
E
no motor
Special
K
MODEL NUMBER
MOTORS
1 Motor
1
2 motors
2
No motor
3
Special
0
VOLTAGE & FREQUENCY
120/60
A
240/60*
B
120/50
C
240/50*
D
No motor
X
OPTIONS
None
01
1/4" dia. x 1" long shaft extension
02
right end (Units with one or no motor)
1/4" dia. x 1" long shaft extension
03
left end (Units with one or no motor)
1/4" dia. x 1" long shaft extension
04
both ends (On motorless units only)
Special
00
FEATURES
Standard (other than cam settings)
X
(Blades)
Special
K
NOTES
CAMS
Factory setting cams to 0.25% tolerance, 50% cams allow 12 to 52%
or 48 to 88% adjustment of switch actuation. 2, 3, or 4 cuts equally
spaced. Have limited adjustability. (Does not include 50% cams with
multiple cuts) Multiple cuts, unequally spaced. Multiple cuts over
4. Specially cut or specially molded cams.
CONTACT SWITCH
Switch with Bracket
324-260-82-00
1
For Stop Cycle, or Brake operation, specify a 324 with one more switch
than you need for your load circuits. (Do not exceed 12 switches total!)
You interwire this switch to the motor according to the installation
instruction for the unit.
2
Be sure to specify shaft extension under OPTIONS
For prices and further information, consult factory.
TIME CYCLE ORDERING CODES
Select Time Cycle from table; if it is available with more than one motor
and gearing combination, pick the combination which would best accom-
modate potential future speed changes. 3 Digit Speed Code identifies
motor.
* 240 V option limited to availability
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com