Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H563ZG Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza STM32H563ZG
Descripción Electrónicos  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H563ZG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32H563ZG Datasheet HTML 9Page - STMicroelectronics STM32H563ZG Datasheet HTML 10Page - STMicroelectronics STM32H563ZG Datasheet HTML 11Page - STMicroelectronics STM32H563ZG Datasheet HTML 12Page - STMicroelectronics STM32H563ZG Datasheet HTML 13Page - STMicroelectronics STM32H563ZG Datasheet HTML 14Page - STMicroelectronics STM32H563ZG Datasheet HTML 15Page - STMicroelectronics STM32H563ZG Datasheet HTML 16Page - STMicroelectronics STM32H563ZG Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 270 page
background image
DS14258 Rev 5
13/270
STM32H562xx and STM32H563xx
Introduction
13
1
Introduction
This document provides the ordering information and mechanical device characteristics of
the STM32H562xx and STM32H563xx microcontrollers.
For information on the device errata with respect to the datasheet and reference manual,
refer to the STM32H562xx and STM32H563xx errata sheet.
For information on the Arm®(a) Cortex®-M33 core, refer to the Cortex®-M33
Technical Reference Manual, available from the www.arm.com website.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.