Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H562VG Datasheet(PDF) 116 Page - STMicroelectronics

No. de pieza STM32H562VG
Descripción Electrónicos  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562VG Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32H562VG Datasheet HTML 112Page - STMicroelectronics STM32H562VG Datasheet HTML 113Page - STMicroelectronics STM32H562VG Datasheet HTML 114Page - STMicroelectronics STM32H562VG Datasheet HTML 115Page - STMicroelectronics STM32H562VG Datasheet HTML 116Page - STMicroelectronics STM32H562VG Datasheet HTML 117Page - STMicroelectronics STM32H562VG Datasheet HTML 118Page - STMicroelectronics STM32H562VG Datasheet HTML 119Page - STMicroelectronics STM32H562VG Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 270 page
background image
E
PE0
UART8_RX
FDCAN1_RX
SAI2_MCLK_A
-
FMC_NBL0
DCMI_D2/PSSI_D2
-
EVENTOUT
PE1
UART8_TX
FDCAN1_TX
-
-
FMC_NBL1
DCMI_D3/PSSI_D3
-
EVENTOUT
PE2
UART8_TX
OCTOSPI1_IO2
-
ETH_MII_TXD3
FMC_A23
DCMI_D3/PSSI_D3
-
EVENTOUT
PE3
-
-
-
-
FMC_A19
-
-
EVENTOUT
PE4
-
-
-
-
FMC_A20
DCMI_D4/PSSI_D4
-
EVENTOUT
PE5
-
-
-
-
FMC_A21
DCMI_D6/PSSI_D6
-
EVENTOUT
PE6
-
-
SAI2_MCLK_B
-
FMC_A22
DCMI_D7/PSSI_D7
-
EVENTOUT
PE7
-
-
OCTOSPI1_IO4
-
FMC_D4/FMC_AD4
-
-
EVENTOUT
PE8
-
-
OCTOSPI1_IO5
-
FMC_D5/FMC_AD5
-
-
EVENTOUT
PE9
-
-
OCTOSPI1_IO6
-
FMC_D6/FMC_AD6
-
-
EVENTOUT
PE10
-
-
OCTOSPI1_IO7
-
FMC_D7/FMC_AD7
-
-
EVENTOUT
PE11
-
-
SAI2_SD_B
-
FMC_D8/FMC_AD8
-
-
EVENTOUT
PE12
-
-
SAI2_SCK_B
-
FMC_D9/FMC_AD9
-
-
EVENTOUT
PE13
-
-
SAI2_FS_B
-
FMC_D10/
FMC_AD10
-
-
EVENTOUT
PE14
-
-
SAI2_MCLK_B
-
FMC_D11/
FMC_AD11
-
-
EVENTOUT
PE15
-
-
-
-
FMC_D12/
FMC_AD12
-
-
EVENTOUT
Table 16. Alternate functions AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
LPUART1/SAI2
/SDMMC1/SPI6
/UART4/5/8
FDCAN1/2/FMC
[NAND16)/FMC
[NORmux)/FMC
[NOR_RAM)/
OCTOSPI/
SDMMC2/TIM13/14
CRS/FMC[NAND
16)/OCTOSPI/S
AI2/SDMMC2/
TIM8/USB_PD
ETH[MII/RMII)/
FMC[NAND16)/
OCTOSPI/
SDMMC2/
UART7/9/USB_PD
FMC[NAND16)/
FMC[NORmux)/
FMC[NOR_RAM)/
FMC[SDRAM_16bit)
/SDMMC1
DCMI/FMC[NAND16)/
FMC[NORmux)/
FMC[NOR_RAM)/
LPTIM5
LPTIM3/4/5/6/
TIM2/UART5
SYS