Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H562VG Datasheet(PDF) 63 Page - STMicroelectronics

No. de pieza STM32H562VG
Descripción Electrónicos  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562VG Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32H562VG Datasheet HTML 59Page - STMicroelectronics STM32H562VG Datasheet HTML 60Page - STMicroelectronics STM32H562VG Datasheet HTML 61Page - STMicroelectronics STM32H562VG Datasheet HTML 62Page - STMicroelectronics STM32H562VG Datasheet HTML 63Page - STMicroelectronics STM32H562VG Datasheet HTML 64Page - STMicroelectronics STM32H562VG Datasheet HTML 65Page - STMicroelectronics STM32H562VG Datasheet HTML 66Page - STMicroelectronics STM32H562VG Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 270 page
background image
DS14258 Rev 5
63/270
STM32H562xx and STM32H563xx
Pinout, pin description, and alternate functions
75
4
Pinout, pin description, and alternate functions
4.1
Pinout/ballout schematics
Figure 5. LQFP64 pinout
1. The above figure shows the package top view.
LQFP64
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
2
VBAT
48
46
45
44
43
42
41
40
39
38
37
36
35
34
33
47
PC13
PC15-OSC32_OUT
PH1-OSC_OUT
PC0
PC2
VSSA/VREF-
PA0
PA1
PC14-OSC32_IN
PH0-OSC_IN
NRST
PC1
PC3
VDDA/VREF+
PA2
VDD
VSS
PA12
PA10
PA8
PC8
PC6
PB14
PB13
PA13
PA11
PA9
PC9
PC7
PB15
PB12