Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H562RI Datasheet(PDF) 120 Page - STMicroelectronics

No. de pieza STM32H562RI
Descripción Electrónicos  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 116Page - STMicroelectronics STM32H562RI Datasheet HTML 117Page - STMicroelectronics STM32H562RI Datasheet HTML 118Page - STMicroelectronics STM32H562RI Datasheet HTML 119Page - STMicroelectronics STM32H562RI Datasheet HTML 120Page - STMicroelectronics STM32H562RI Datasheet HTML 121Page - STMicroelectronics STM32H562RI Datasheet HTML 122Page - STMicroelectronics STM32H562RI Datasheet HTML 123Page - STMicroelectronics STM32H562RI Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 270 page
background image
I
PI0
-
-
-
-
-
DCMI_D13/PSSI_D13
-
EVENTOUT
PI1
-
-
-
-
-
DCMI_D8/PSSI_D8
-
EVENTOUT
PI2
-
-
-
-
-
DCMI_D9/PSSI_D9
-
EVENTOUT
PI3
-
-
-
-
-
DCMI_D10/PSSI_D10
-
EVENTOUT
PI4
-
-
SAI2_MCLK_A
-
-
DCMI_D5/PSSI_D5
-
EVENTOUT
PI5
-
-
SAI2_SCK_A
-
-
DCMI_VSYNC/
PSSI_RDY
-EVENTOUT
PI6
-
-
SAI2_SD_A
-
-
DCMI_D6/PSSI_D6
-
EVENTOUT
PI7
-
-
SAI2_FS_A
-
-
DCMI_D7/PSSI_D7
-
EVENTOUT
PI8
-
-
-
-
-
-
-
EVENTOUT
PI9
UART4_RX
FDCAN1_RX
-
-
-
-
-
EVENTOUT
PI10
-
FDCAN1_RX
-
ETH_MII_RX_ER
-
PSSI_D14
-
EVENTOUT
PI11
-
-
-
-
-
PSSI_D15
-
EVENTOUT
1. Refer to the previous table for AF0 to AF7.
Table 16. Alternate functions AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
LPUART1/SAI2
/SDMMC1/SPI6
/UART4/5/8
FDCAN1/2/FMC
[NAND16)/FMC
[NORmux)/FMC
[NOR_RAM)/
OCTOSPI/
SDMMC2/TIM13/14
CRS/FMC[NAND
16)/OCTOSPI/S
AI2/SDMMC2/
TIM8/USB_PD
ETH[MII/RMII)/
FMC[NAND16)/
OCTOSPI/
SDMMC2/
UART7/9/USB_PD
FMC[NAND16)/
FMC[NORmux)/
FMC[NOR_RAM)/
FMC[SDRAM_16bit)
/SDMMC1
DCMI/FMC[NAND16)/
FMC[NORmux)/
FMC[NOR_RAM)/
LPTIM5
LPTIM3/4/5/6/
TIM2/UART5
SYS