Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H562II Datasheet(PDF) 145 Page - STMicroelectronics

No. de pieza STM32H562II
Descripción Electrónicos  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 145 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 141Page - STMicroelectronics STM32H562II Datasheet HTML 142Page - STMicroelectronics STM32H562II Datasheet HTML 143Page - STMicroelectronics STM32H562II Datasheet HTML 144Page - STMicroelectronics STM32H562II Datasheet HTML 145Page - STMicroelectronics STM32H562II Datasheet HTML 146Page - STMicroelectronics STM32H562II Datasheet HTML 147Page - STMicroelectronics STM32H562II Datasheet HTML 148Page - STMicroelectronics STM32H562II Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 270 page
background image
DS14258 Rev 5
145/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
APB1
CEC
0.15
0.15
0.14
0.11
μA/MHz
CRS
0.22
0.23
0.20
0.19
FDCAN1
6.37
5.63
5.14
4.70
I2C1
0.57
0.5
0.49
0.42
I2C2
0.57
0.52
0.5
0.46
I3C1
0.28
0.27
0.28
0.25
LPTIM2
0.91
0.81
0.75
0.69
SPI2
1.04
0.93
0.89
0.78
SPI3
1.00
0.92
0.85
0.76
TIM12
1.41
1.26
1.18
1.06
TIM13
0.92
0.82
0.77
0.70
TIM14
0.89
0.78
0.75
0.66
TIM2
2.86
2.51
2.30
2.11
TIM3
2.52
2.21
2.03
1.87
TIM4
2.43
2.15
1.96
1.79
TIM5
2.79
2.48
2.26
2.06
TIM6
0.54
0.49
0.45
0.42
TIM7
0.56
0.5
0.48
0.43
UART12
1.17
1.06
0.95
0.88
UART4
1.12
0.98
0.93
0.83
UART5
1.09
0.99
0.93
0.84
UART7
1.28
1.14
1.05
0.93
UART8
1.17
1.06
0.94
0.86
UART9
1.12
1.00
0.90
0.84
UCPD1
1.1
1.00
0.90
0.84
USART10
1.35
1.22
1.14
1.02
USART11
1.24
1.11
1.04
0.94
USART2
1.42
1.29
1.19
1.07
USART3
1.35
1.24
1.14
1.02
USART6
1.19
1.08
1.02
0.92
WWDG1
0.39
0.35
0.35
0.30
APB1
1.85
1.61
1.49
1.34
Table 38. Peripheral current consumption in Sleep mode (continued)
Bus
Peripheral
IDD (typ)
Unit
VOS0
VOS1
VOS2
VOS3