Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H562II Datasheet(PDF) 64 Page - STMicroelectronics

No. de pieza STM32H562II
Descripción Electrónicos  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 60Page - STMicroelectronics STM32H562II Datasheet HTML 61Page - STMicroelectronics STM32H562II Datasheet HTML 62Page - STMicroelectronics STM32H562II Datasheet HTML 63Page - STMicroelectronics STM32H562II Datasheet HTML 64Page - STMicroelectronics STM32H562II Datasheet HTML 65Page - STMicroelectronics STM32H562II Datasheet HTML 66Page - STMicroelectronics STM32H562II Datasheet HTML 67Page - STMicroelectronics STM32H562II Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 270 page
background image
Pinout, pin description, and alternate functions
STM32H562xx and STM32H563xx
64/270
DS14258 Rev 5
Figure 6. VFQFPN68 pinout
1. The above figure shows the package top view.
2. VSS pads are connected to the exposed pad.
Figure 7. WLCSP80 SMPS ballout
1. The above figure shows the package top view.
MS56628V1
VFQFPN68
48
46
45
44
43
42
41
40
39
38
37
36
35
47
VBAT
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
2
17
49
50
51
VDD
PC13
PC14-OSC32_IN
PC15-OSC32_OUT
PH1-OSC_OUT
PC0
PC2
VSSA
PA0
PA2
PH0-OSC_IN
NRST
PC1
PC3
VDDA
PA1
PA3
VSS
PA13
PA12
PA10
PA8
PC8
PC6
PD11
PB14
PA11
PA9
PC9
PC7
PD12
PB15
PB13
Exposed pad
VSS
MSv73080V1
A
B
C
D
E
F
G
H
J
1
K
VDDUSB
PD1
PB4
VSS
VBAT
PA12
PC10
PB3
PB7
PC13
PA11
PA14
PC11
PB6
PB8
PC9
PA13
PC12
NRST
PC15-
OSC32_
OUT
VDD
PA8
PA10
PC1
VSS
VSS
PA15
PB5
BOOT0
PC14-
OSC32_I
N
PD15
PC6
PC8
PA1
PH1-
OSC_OU
T
VSS
PA9
PA6
PC0
VDD
VDD
PD14
PC7
PA7
PA0
PH0-
OSC_IN
23456789
10
PD0
PD2
VDD
VCAP
L
M
N
P
R
T
PB15
PB12
PB2
PA5
PC3
PB14
VSSSMP
S
PE8
PC5
VSSA
VDD
VDDSMP
S
PE9
PB0
PA4
PB13
PE10
PC4
PA2
PC2
VSS
PB10
PB1
VSS
VDDA
VCAP
VLXSMP
S
PE7
VDD
PA3