Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H562II Datasheet(PDF) 118 Page - STMicroelectronics

No. de pieza STM32H562II
Descripción Electrónicos  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 114Page - STMicroelectronics STM32H562II Datasheet HTML 115Page - STMicroelectronics STM32H562II Datasheet HTML 116Page - STMicroelectronics STM32H562II Datasheet HTML 117Page - STMicroelectronics STM32H562II Datasheet HTML 118Page - STMicroelectronics STM32H562II Datasheet HTML 119Page - STMicroelectronics STM32H562II Datasheet HTML 120Page - STMicroelectronics STM32H562II Datasheet HTML 121Page - STMicroelectronics STM32H562II Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 270 page
background image
G
PG0
-
-
-
UART9_RX
FMC_A10
-
LPTIM4_IN1
EVENTOUT
PG1
-
-
-
UART9_TX
FMC_A11
-
-
EVENTOUT
PG2
-
-
-
-
FMC_A12
-
LPTIM6_ETR
EVENTOUT
PG3
-
-
-
-
FMC_A13
LPTIM5_ETR
-
EVENTOUT
PG4
-
-
-
-
FMC_A14/FMC_BA0
-
LPTIM4_ETR
EVENTOUT
PG5
-
-
-
-
FMC_A15/FMC_BA1
-
-
EVENTOUT
PG6
-
-
OCTOSPI1_NCS
UCPD1_FRSTX
FMC_NE3
DCMI_D12/PSSI_D12
-
EVENTOUT
PG7
-
-
-
UCPD1_FRSTX
FMC_INT
DCMI_D13/PSSI_D13
-
EVENTOUT
PG8
-
-
-
ETH_PPS_OUT
FMC_SDCLK
-
-
EVENTOUT
PG9
-
OCTOSPI1_IO6
SAI2_FS_B
SDMMC2_D0
FMC_NE2/
FMC_NCE
DCMI_VSYNC/
PSSI_RDY
-EVENTOUT
PG10
-
-
SAI2_SD_B
SDMMC2_D1
FMC_NE3
DCMI_D2/PSSI_D2
-
EVENTOUT
PG11
-
-
SDMMC2_D2
ETH_MII_TX_EN/
ETH_RMII_TX_EN
-
DCMI_D3/PSSI_D3
-
EVENTOUT
PG12
-
-
SDMMC2_D3
ETH_MII_TXD1/
ETH_RMII_TXD1
FMC_NE4
DCMI_D11/PSSI_D11
LPTIM5_CH1
EVENTOUT
PG13
-
-
SDMMC2_D6
ETH_MII_TXD0/
ETH_RMII_TXD0
FMC_A24
LPTIM5_CH2
-
EVENTOUT
PG14
-
OCTOSPI1_IO7
SDMMC2_D7
ETH_MII_TXD1/
ETH_RMII_TXD1
FMC_A25
LPTIM5_IN1
-
EVENTOUT
PG15
-
-
-
-
FMC_NCAS
DCMI_D13/PSSI_D13
-
EVENTOUT
Table 16. Alternate functions AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
LPUART1/SAI2
/SDMMC1/SPI6
/UART4/5/8
FDCAN1/2/FMC
[NAND16)/FMC
[NORmux)/FMC
[NOR_RAM)/
OCTOSPI/
SDMMC2/TIM13/14
CRS/FMC[NAND
16)/OCTOSPI/S
AI2/SDMMC2/
TIM8/USB_PD
ETH[MII/RMII)/
FMC[NAND16)/
OCTOSPI/
SDMMC2/
UART7/9/USB_PD
FMC[NAND16)/
FMC[NORmux)/
FMC[NOR_RAM)/
FMC[SDRAM_16bit)
/SDMMC1
DCMI/FMC[NAND16)/
FMC[NORmux)/
FMC[NOR_RAM)/
LPTIM5
LPTIM3/4/5/6/
TIM2/UART5
SYS