Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H562II Datasheet(PDF) 113 Page - STMicroelectronics

No. de pieza STM32H562II
Descripción Electrónicos  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 109Page - STMicroelectronics STM32H562II Datasheet HTML 110Page - STMicroelectronics STM32H562II Datasheet HTML 111Page - STMicroelectronics STM32H562II Datasheet HTML 112Page - STMicroelectronics STM32H562II Datasheet HTML 113Page - STMicroelectronics STM32H562II Datasheet HTML 114Page - STMicroelectronics STM32H562II Datasheet HTML 115Page - STMicroelectronics STM32H562II Datasheet HTML 116Page - STMicroelectronics STM32H562II Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 270 page
background image
B
PB0
UART4_CTS
-
-
ETH_MII_RXD2
-
-
LPTIM3_CH1
EVENTOUT
PB1
-
-
-
ETH_MII_RXD3
-
-
LPTIM3_CH2
EVENTOUT
PB2
-
OCTOSPI1_CLK
OCTOSPI1_DQS
-
SDMMC1_CMD
LPTIM5_ETR
-
EVENTOUT
PB3
SPI6_SCK
SDMMC2_D2
CRS_SYNC
UART7_RX
-
-
LPTIM6_ETR
EVENTOUT
PB4
SPI6_MISO
SDMMC2_D3
-
UART7_TX
-
DCMI_D7/PSSI_D7
-
EVENTOUT
PB5
SPI6_MOSI
FDCAN2_RX
-
ETH_PPS_OUT
FMC_SDCKE1
DCMI_D10/PSSI_D10
UART5_RX
EVENTOUT
PB6
LPUART1_TX
FDCAN2_TX
OCTOSPI1_NCS
-
FMC_SDNE1
DCMI_D5/PSSI_D5
UART5_TX
EVENTOUT
PB7
LPUART1_RX
FDCAN1_TX
SDMMC2_D5
SDMMC2_CKIN
FMC_NL
DCMI_VSYNC/
PSSI_RDY
-EVENTOUT
PB8
UART4_RX
FDCAN1_RX
SDMMC2_D4
ETH_MII_TXD3
SDMMC1_D4
DCMI_D6/PSSI_D6
-
EVENTOUT
PB9
UART4_TX
FDCAN1_TX
SDMMC2_D5
SDMMC2_CKIN
SDMMC1_D5
DCMI_D7/PSSI_D7
-
EVENTOUT
PB10
-
OCTOSPI1_NCS
-
ETH_MII_RX_ER
-
-
-
EVENTOUT
PB11
-
-
-
ETH_MII_TX_EN/
ETH_RMII_TX_EN
FMC_NBL1
-
-
EVENTOUT
PB12
-
FDCAN2_RX
-
ETH_MII_TXD0/
ETH_RMII_TXD0
-
-
UART5_RX
EVENTOUT
PB13
-
FDCAN2_TX
-
-
SDMMC1_D0
-
UART5_TX
EVENTOUT
PB14
UART4_RTS/
UART4_DE
SDMMC2_D0
-
-
-
-
LPTIM3_ETR
EVENTOUT
PB15
UART4_CTS
SDMMC2_D1
OCTOSPI1_CLK
ETH_MII_TXD1/
ETH_RMII_TXD1
-
DCMI_D2/PSSI_D2
UART5_RX
EVENTOUT
Table 16. Alternate functions AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
LPUART1/SAI2
/SDMMC1/SPI6
/UART4/5/8
FDCAN1/2/FMC
[NAND16)/FMC
[NORmux)/FMC
[NOR_RAM)/
OCTOSPI/
SDMMC2/TIM13/14
CRS/FMC[NAND
16)/OCTOSPI/S
AI2/SDMMC2/
TIM8/USB_PD
ETH[MII/RMII)/
FMC[NAND16)/
OCTOSPI/
SDMMC2/
UART7/9/USB_PD
FMC[NAND16)/
FMC[NORmux)/
FMC[NOR_RAM)/
FMC[SDRAM_16bit)
/SDMMC1
DCMI/FMC[NAND16)/
FMC[NORmux)/
FMC[NOR_RAM)/
LPTIM5
LPTIM3/4/5/6/
TIM2/UART5
SYS