| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PCA9541BS/03 Datasheet(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9541BS/03 Datasheet(HTML) 26 Page - NXP Semiconductors |
|
26 / 43 page ![]() PCA9541_5 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 05 — 1 October 2007 26 of 43 NXP Semiconductors PCA9541 2-to-1 I2C-bus master selector with interrupt logic and reset 10.2 High reliability systems In a typical multipoint application, shown in Figure 18, the two masters (for example, primary and back-up) are located on separate I2C-buses that connect to multiple downstream I2C-bus slave cards/devices via a PCA9541/01 for non-hot swap applications or the PCA9541/02 for hot swap applications to provide high reliability of the I2C-bus. I2C-bus commands are sent via the primary or back-up master and either master can take command of the I2C-bus. Either master at any time can gain control of the slave devices if the other master is disabled or removed from the system. The failed master is isolated from the system and will not affect communication between the on-line master and the slave devices located on the cards. For even higher reliability in multipoint backplane applications, two dedicated masters can be used for every card as shown in Figure 19. Fig 18. High reliability backplane application Fig 19. Very high reliability backplane application 002aab612 SCL1 SDA1 SCL0 SDA0 002aab613 SCL1 SDA1 SCL0 SDA0 SCL0 SDA0 SCL0 SDA0 SCL0 SDA0 SCL1 SDA1 SCL1 SDA1 SCL1 SDA1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |