Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VSC7977 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

No. de pieza VSC7977
Descripción Electrónicos  1/2/4 Gbps Multirate Transimpedance Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VITESSE [Vitesse Semiconductor Corporation]
Página de inicio  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7977 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7977 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7977 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
©2004 Vitesse Semiconductor Corporation
1/2/4 Gbps Multirate Transimpedance Amplifier
VSC7975, VSC7977
The VSC7975 and VSC7977 are multirate
transimpedance
amplifiers
for
Gigabit
Ethernet, Fibre Channel, and Infiniband
applications. The devices provide a means for
adjusting their bandwidth to allow full
compliance with multiple Gigabit Ethernet, Fibre Channel, and
Infiniband standards. The VSC7975 and VSC7977 are equipped
with a single pin that serves both as a control for bandwidth
as well as a linear received optical power monitor. This allows
BLOCK DIAGRAMS:
GENERAL DESCRIPTION:
the device to have multirate bandwidth control, power monitoring,
and differential outputs and be assembled in a standard 5-pin TO-
46 package. A space-saving filter connection is provided for
positive bias to the photodiode through a filter resistor to VCC.
The VSC7977 is available in die form or 5-pin TO-46 package with
short wavelength PIN photo detector. The VSC7975 is available in
a 5-pin TO-46 package with long wavelength PIN photo detector.
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com



Html Pages

1 2