Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GD30MLX65F1S_B22 Datasheet(PDF) 4 Page - StarPower Europe AG

No. de pieza GD30MLX65F1S_B22
Descripción Electrónicos  650V/30A in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STARPOWER [StarPower Europe AG]
Página de inicio  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD30MLX65F1S_B22 Datasheet(HTML) 4 Page - StarPower Europe AG

  GD30MLX65F1S_B22 Datasheet HTML 1Page - StarPower Europe AG GD30MLX65F1S_B22 Datasheet HTML 2Page - StarPower Europe AG GD30MLX65F1S_B22 Datasheet HTML 3Page - StarPower Europe AG GD30MLX65F1S_B22 Datasheet HTML 4Page - StarPower Europe AG GD30MLX65F1S_B22 Datasheet HTML 5Page - StarPower Europe AG GD30MLX65F1S_B22 Datasheet HTML 6Page - StarPower Europe AG GD30MLX65F1S_B22 Datasheet HTML 7Page - StarPower Europe AG GD30MLX65F1S_B22 Datasheet HTML 8Page - StarPower Europe AG GD30MLX65F1S_B22 Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GD30MLX65F1S_B22
IGBT Module
©2022 STARPOWER Semiconductor Ltd.
9/18/2022
4/11
preliminary
D1-D4 Diode Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VF
Diode Forward
Voltage
IC=30A,VGE=0V,Tj=25
oC
1.60
2.05
V
IC=30A,VGE=0V,Tj=125
oC
1.55
IC=30A,VGE=0V,Tj=150
oC
1.50
Qr
Recovered Charge
VR=300V,IF=30A,
-di/dt=2100A/μs,VGE=-15V
Tj=25
oC
1.3
μC
IRM
Peak Reverse
Recovery Current
44
A
Erec
Reverse Recovery
Energy
0.35
mJ
Qr
Recovered Charge
VR=300V,IF=30A,
-di/dt=2100A/μs,VGE=-15V
Tj=125
oC
2.3
μC
IRM
Peak Reverse
Recovery Current
48
A
Erec
Reverse Recovery
Energy
0.55
mJ
Qr
Recovered Charge
VR=300V,IF=30A,
-di/dt=2100A/μs,VGE=-15V
Tj=150
oC
2.7
μC
IRM
Peak Reverse
Recovery Current
49
A
Erec
Reverse Recovery
Energy
0.65
mJ
D5,D6 Diode Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VF
Diode Forward
Voltage
IC=30A,VGE=0V,Tj=25
oC
1.60
2.05
V
IC=30A,VGE=0V,Tj=125
oC
1.55
IC=30A,VGE=0V,Tj=150
oC
1.50
Qr
Recovered Charge
VR=300V,IF=30A,
-di/dt=2100A/μs,VGE=-15V
Tj=25
oC
1.3
μC
IRM
Peak Reverse
Recovery Current
44
A
Erec
Reverse Recovery
Energy
0.35
mJ
Qr
Recovered Charge
VR=300V,IF=30A,
-di/dt=2100A/μs,VGE=-15V
Tj=125
oC
2.3
μC
IRM
Peak Reverse
Recovery Current
48
A
Erec
Reverse Recovery
Energy
0.55
mJ
Qr
Recovered Charge
VR=300V,IF=30A,
-di/dt=2100A/μs,VGE=-15V
Tj=150
oC
2.7
μC
IRM
Peak Reverse
Recovery Current
49
A
Erec
Reverse Recovery
Energy
0.65
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com