Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADIN3310BBCZ Datasheet(PDF) 72 Page - Analog Devices

No. de pieza ADIN3310BBCZ
Descripción Electrónicos  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ Datasheet(HTML) 72 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 68Page - Analog Devices ADIN3310BBCZ Datasheet HTML 69Page - Analog Devices ADIN3310BBCZ Datasheet HTML 70Page - Analog Devices ADIN3310BBCZ Datasheet HTML 71Page - Analog Devices ADIN3310BBCZ Datasheet HTML 72Page - Analog Devices ADIN3310BBCZ Datasheet HTML 73Page - Analog Devices ADIN3310BBCZ Datasheet HTML 74Page - Analog Devices ADIN3310BBCZ Datasheet HTML 75Page - Analog Devices ADIN3310BBCZ Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
OTHER FUNCTIONALITY
analog.com
Rev. A | 72 of 86
►
MRP inconsistent ring configuration if ordinary manager detected
in the network with automanager
►
MSTP port state change
►
Buffer utilization above specified limit
LINK LAYER DISCOVERY PROTOCOL (LLDP)
LLDP is a Layer 2 neighbor discovery protocol. It is an IEEE
standard protocol that defines messages encapsulated in Ethernet
frames to announce device information to neighboring devices. The
switch supports an LLDP stack running on the packet assist engine.
The stack is compatible with the IEEE 802.1AB – 2016 standard.
The switch uses LLDP to advertise its capability for frame preemp-
tion. The LLDP stack is disabled by default and must be initialized
and enabled during configuration. LLDP can be left disabled, and
the host processor can run its own LLDP stack.
The default configuration is for LLDP frames to be send out every
30 seconds with a time to live (TTL) of 121 seconds. These values
are programmable, and the user can choose other intervals. APIs
are provided for user control of LLDP transmission, reception, and
addressing, which is available as part of the software drivers from
the ADIN6310 product page. The user can also add or update
TLVs to the LLDP frames transmitted at a port and query received
LLDP frames. The user can also subscribe to notifications for
LLDP-related events, such as a new neighbor being detected, a
change observed in an incoming LLDP frame, or in remote statistics
or a neighbor shutting down.
IGMP SNOOPING
Internet group management protocol (IGMP) snooping is used
to identify multicast groups in a network, which are groups of
devices that all receive the same traffic. IGMP snooping ensures
that multicast traffic is only forwarded to the relevant ports and
suppresses the unnecessary forwarding of multicast data, thus
saving bandwidth on the ports that do not require to receive the
multicast messages.
The IGMP protocol allows for several kinds of IGMP messages,
such as the following:
►
Membership query (general): sent by a multicast router to discov-
er which multicast groups have members on a particular network
segment.
►
Membership query (group-specific): sent by a multicast router to
inquire about the status of a specific multicast group.
►
Membership report: sent by a host to indicate its interest in
receiving multicast traffic for a particular group, which includes
the following two types:
►
Version 1 is a simple report that indicates that the host wants
to receive traffic for a specific group.
►
Version 2 includes additional information about the preferen-
ces of the host for multicast traffic.
►
Leave group: sent by a host to indicate that it is no longer
interested in receiving traffic for a specific multicast group.
The switch examines IGMP messages, learns the location of multi-
cast routers and group members, and routes traffic accordingly to
ensure that multicast traffic is forwarded to the correct destinations
only and not out all ports. The example shown in Figure 57 shows a
scenario where the multicast source out on Port 2 (P2) sends IGMP
queries. The devices on Port 0 (P0) and Port 5 (P5) send IGMP
reports indicating interest in this multicast group, and the switch
controls the flow of traffic to ensure only these two ports receive this
particular multicast traffic.
Figure 57. IGMP Snooping
Router Timeout
The router timeout is the duration for which a switch considers a
multicast router to be present on a particular port. When a switch
receives IGMP queries from a router on a port, it marks that port as
having an active multicast router.
Group Member Timeout
The group member timeout is the duration for which a switch
considers a host to be a member of a particular multicast group.
When a switch receives IGMP membership reports from hosts on
specific ports, it marks those ports as having active members for
the corresponding multicast groups. If a membership report is not
received from the host side against the query message within the
timeout, the switch forwards the multicast packets to all the ports.
PORT MIRRORING
Port mirroring is not supported.
MULTIPLE SPANNING TREE PROTOCOL
Spanning tree protocols were developed to prevent broadcast
storms by eliminating loops in network topologies. Networks are
often be configured with redundant paths when connecting network
segments, which can result in loops. Spanning tree protocols help
prevent these loops. The original spanning tree protocol was STP.
Rapid spanning tree protocol (RSTP) was later introduced, which
significantly improved convergence speed. Multiple spanning tree
protocol (MSTP) is the most recent spanning tree protocol that sup-
ports more complex networks with VLAN configurations. All three
versions of the protocol monitor network links, identify redundant
connections, and disable any ports that can lead to a loop.
The switch can support MSTP in accordance with the IEEE 802.1Q
2022 standard. The switch supports port roles per Section 13.12,
(IEEE 802.1Q 2022 root port, leader port, designated port, alterna-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com