| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PC312XDP512F0CFVR Datasheet(PDF) 850 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR Datasheet(HTML) 850 Page - Freescale Semiconductor, Inc |
|
850 / 1350 page ![]() Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2) MC9S12XDP512 Data Sheet, Rev. 2.17 850 Freescale Semiconductor 22.3.2.31 Port M Input Register (PTIM) Read: Anytime. Write: Never, writes to this register have no effect. This register always reads back the buffered state of the associated pins. This can also be used to detect overload or short circuit conditions on output pins. 76543210 R PTIM7 PTIM6 PTIM5 PTIM4 PTIM3 PTIM2 PTIM1 PTIM0 W Reset1 1 These registers are reset to zero. Two bus clock cycles after reset release the register values are updated with the associated pin values. ———————— = Unimplemented or Reserved Figure 22-33. Port M Input Register (PTIM) |