| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PC312XDP512F0CFVR Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc |
|
53 / 1350 page ![]() Chapter 1 Device Overview MC9S12XD-Family MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 53 PE0 XIRQ — — — VDDR PUCR Up Port E input, non-maskable interrupt PH7 KWH7 SS2 TXD5 — VDDR PERH/PPSH Disabled Port H I/O, interrupt, SS of SPI2, TXD of SCI5 PH6 KWH6 SCK2 RXD5 — VDDR PERH/ PPSH Disabled Port H I/O, interrupt, SCK of SPI2, RXD of SCI5 PH5 KWH5 MOSI2 TXD4 — VDDR PERH/ PPSH Disabled Port H I/O, interrupt, MOSI of SPI2, TXD of SCI4 PH4 KWH4 MISO2 RXD4 — VDDR PERH/PPSH Disabled Port H I/O, interrupt, MISO of SPI2, RXD of SCI4 PH3 KWH3 SS1 — — VDDR PERH/PPSH Disabled Port H I/O, interrupt, SS of SPI1 PH2 KWH2 SCK1 — — VDDR PERH/PPSH Disabled Port H I/O, interrupt, SCK of SPI1 PH1 KWH1 MOSI1 — — VDDR PERH/PPSH Disabled Port H I/O, interrupt, MOSI of SPI1 PH0 KWH0 MISO1 — — VDDR PERH/PPSH Disabled Port H I/O, interrupt, MISO of SPI1 PJ7 KWJ7 TXCAN4 SCL0 TXCAN0 VDDX PERJ/ PPSJ Up Port J I/O, interrupt, TX of CAN4, SCL of IIC0, TX of CAN0 PJ6 KWJ6 RXCAN4 SDA0 RXCAN0 VDDX PERJ/ PPSJ Up Port J I/O, interrupt, RX of CAN4, SDA of IIC0, RX of CAN0 PJ5 KWJ5 SCL1 CS2 — VDDX PERJ/ PPSJ Up Port J I/O, interrupt, SCL of IIC1, chip select 2 PJ4 KWJ4 SDA1 CS0 — VDDX PERJ/ PPSJ Up Port J I/O, interrupt, SDA of IIC1, chip select 0 PJ2 KWJ2 CS1 — — VDDX PERJ/ PPSJ Up Port J I/O, interrupt, chip select 1 PJ1 KWJ1 TXD2 — — VDDX PERJ/ PPSJ Up Port J I/O, interrupt, TXD of SCI2 PJ0 KWJ0 RXD2 CS3 — VDDX PERJ/ PPSJ Up Port J I/O, interrupt, RXD of SCI2 PK7 — — — — VDDX PUCR Up Port K I/O PK[5:4] — — — — VDDX PUCR Up Port K I/O PK7 EWAIT ROMCTL — — VDDX PUCR Up Port K I/O, EWAIT input, ROM on control PK[6:4] ADDR [22:20] ACC[2:0] — — VDDX PUCR Up Port K I/O, extended addresses, access source for external access PK3 ADDR19 IQSTAT3 — — VDDX PUCR Up Extended address, PIPE status Table 1-7. Signal Properties Summary (Sheet 2 of 4) Pin Name Function 1 Pin Name Function 2 Pin Name Function 3 Pin Name Function 4 Pin Name Function 5 Power Supply Internal Pull Resistor Description CTRL Reset State |