| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PC312XDP512F0CFVR Datasheet(PDF) 641 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR Datasheet(HTML) 641 Page - Freescale Semiconductor, Inc |
|
641 / 1350 page ![]() Chapter 17 Memory Mapping Control (S12XMMCV2) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 641 The following conditions must be satisfied to ensure correct operation of the RAM protection mechanism: • Value stored in RAMXGU must be lower than the value stored in RAMSHL. • Value stored RAMSHL must be lower or equal than the value stored in RAMSHU. Figure 17-25. RAM Write Protection Scheme Table 17-22. RAM Write Protection Interrupt Vectors Interrupt Source CCR Mask Local Enable CPU access violation I Bit AVIE in RAMWPC $0F_FFFF $00_0000 Shared Region XGATE RAM Region $0F_RAMSHU_FF $0F_RAMSHL_00 $0F_RAMXGU_FF Only XGATE is allowed to write CPU and XGATE are allowed to write Only CPU is allowed to write Unimplemented Only CPU is allowed to write $00_0800 2K Registers |