| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HE89C21 Datasheet(PDF) 1 Page - King blillion Electronics Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
HE89C21 Datasheet(HTML) 1 Page - King blillion Electronics Co.,Ltd. |
|
1 / 16 page ![]() King Billion Electronics Co., Ltd. 駿 億 電 子 股 份 有 限 公 司 HE89C21 HE80000 SERIES January 20, 2003 1 V1.0E - Table of Contents - 1. General Description ___________________________________________________________________1 2. Features _____________________________________________________________________________2 3. Pin Description _______________________________________________________________________2 4. Pad Diagram _________________________________________________________________________4 5. Pad Coordinations ____________________________________________________________________4 6. LCD Power Supply____________________________________________________________________5 6.1. LCDC Control register ______________________________________________________________6 7. LCD RAM Map ______________________________________________________________________6 8. Oscillators ___________________________________________________________________________7 9. General Purpose I/O___________________________________________________________________8 10. Timer1 ____________________________________________________________________________9 11. Timer2 ___________________________________________________________________________10 12. Watch Dog Timer __________________________________________________________________12 13. Low Voltage Reset _________________________________________________________________13 14. Dual-Tone Multiple Frequency Generator______________________________________________13 15. Absolute Maximum Rating __________________________________________________________14 16. Recommended Operating Conditions _________________________________________________15 17. AC/DC Characteristics _____________________________________________________________15 18. Application Circuit_________________________________________________________________16 19. Important Note ____________________________________________________________________16 20. Updated Record ___________________________________________________________________16 1. General Description HE89C21 is a member of 8-bit Micro-controller series developed by King Billion Electronics for telecom applications. This chip has 4-COM x 32-SEG LCD driver with built-in regulator to provide stable visual effect over the battery life, 16-bit general purpose I/O port, DTMF generator for the dialing tone generation. It is suitable for application in feature telephone products. The instruction set of HE80000 are easy to learn and simple to use. Thirty-two instructions with four-type |
Número de pieza similar - HE89C21 |
|
Descripción similar - HE89C21 |