Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLF461-0UG-024B Datasheet(PDF) 11 Page - LEDTRONICS, INC

No. de pieza SLF461-0UG-024B
Descripción Electrónicos  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEDTRONICS [LEDTRONICS, INC]
Página de inicio  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

SLF461-0UG-024B Datasheet(HTML) 11 Page - LEDTRONICS, INC

Back Button SLF461-0UG-024B Datasheet HTML 7Page - LEDTRONICS, INC SLF461-0UG-024B Datasheet HTML 8Page - LEDTRONICS, INC SLF461-0UG-024B Datasheet HTML 9Page - LEDTRONICS, INC SLF461-0UG-024B Datasheet HTML 10Page - LEDTRONICS, INC SLF461-0UG-024B Datasheet HTML 11Page - LEDTRONICS, INC SLF461-0UG-024B Datasheet HTML 12Page - LEDTRONICS, INC SLF461-0UG-024B Datasheet HTML 13Page - LEDTRONICS, INC SLF461-0UG-024B Datasheet HTML 14Page - LEDTRONICS, INC SLF461-0UG-024B Datasheet HTML 15Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
T1-3/4 (5mm) Midget Groove Based LEDs
Electrical-Optical
Characteristics (Ta = 25ºC)
Voltage
V typ
Part Number
Current
mA typ
Subminiature Packages
Replaces
Incandescent
Intensity
mcd
Special Features
All dimensions in inches. For millimeters multiply by 25.4
Angle
of
Illumi-
nation
Options
Series: G200
PN Example: G200-0UR-028B
Series: G206
PN Example: G206-0UO-028B
GF200
GF200-0UR-006B
GF200-0UR-014B
GF200-0UR-024B
GF200-0UR-028B
5/6V
24V
28V
20
20
15
15
334,388
334,388
B = BiPolar AC/DC
Replace GF200 With G200
Narrow (15º) Beam
Intensity 1.6K mcd/52 Ft.Cd
@20 mA
Center Contact Polarity
337,379,398
386
12/14V
120º
115
115
85
85
Replace GF200 With G200
Narrow (15º) Beam
Intensity 3.5K mcd@20 mA
Center Contact Polarity
B = BiPolar AC/DC
GF200
GF200-0UO-006B
GF200-0UO-014B
GF200-0UO-024B
GF200-0UO-028B
5/6V
24V
28V
334,388
334,388
337,379,398
386
12/14V
120º
130
130
98
98
20
20
15
15
GF200
GF200-0UY-006B
GF200-0UY-014B
GF200-0UY-024B
GF200-0UY-028B
5/6V
24V
28V
20
20
15
15
334,388
334,388
116
116
75
75
Replace GF200 With G200
Narrow (15º) Beam
Intensity 3.2K mcd@20 mA
Center Contact Polarity
337,379,398
386
12/14V
120º
B = BiPolar AC/DC
GF200
GF200-0CW-006B
GF200-0CW-014B
GF200-0CW-024B
GF200-0CW-028B
5/6V
24V
28V
15
15
15
15
334,388
334,388
160
160
160
160
Replace GF200 With G200
Std. (50º) Beam Intensity
750 mcd/75 Ft. cd
Center Contact Polarity
337,379,398
386
12/14V
120º
B = BiPolar AC/DC
GF200
GF200-0UG-006B
GF200-0UG-014B
GF200-0UG-024B
GF200-0UG-028B
5/6V
24V
28V
20
20
15
15
334,388
334,388
58
58
44
44
Replace GF200 With G200
Narrow (12-15º) Beam
Intensity 1K mcd@ 20 mA
Center Contact Polarity
337,379,398
386
12/14V
120º
Center Contact
.63 MAX
.22
.20
.226 Dia
B = BiPolar AC/DC
GF200
GF200-0AG-006B
GF200-0AG-014B
GF200-0AG-024B
GF200-0AG-028B
5/6V
24V
28V
15
15
15
15
334,388
334,388
400
400
400
400
Replace GF200 With G200
Narrow (15º) Beam
Intensity 7Kmcd/250 Ft.Cd
Center Contact Polarity
337,379,398
386
12/14V
120º
B = BiPolar AC/DC
GF200
GF200-0PB-006B
GF200-0PB-014B
GF200-0PB-024B
GF200-0PB-028B
5/6V
24V
28V
15
15
15
15
334,388
334,388
Replace GF200 With G200
Std. (15º) Beam Intensity
2K mcd/60 Ft.Cd
Center Contact Polarity
337,379,398
386
12/14V
125
125
125
125
120º
.63 Max
.22
.226 Dia
.68
.22
.226 Dia
6 Multichip
Single Chip
Center Contact
.63 MAX
.22
.20
.226 Dia
Center Contact
.63 MAX
.22
.20
.226 Dia
Center Contact
.63 MAX
.22
.20
.226 Dia
Center Contact
.63 MAX
.22
.20
.226 Dia
Center Contact
.63 MAX
.22
.20
.226 Dia
Center Contact
.63 MAX
.22
.20
.226 Dia
B = BiPolar AC/DC
570nm Lime Green
InGaAIP
660nm Ultra Red
GaAIAs/GaAIAs
8000K Cool White
SiC/GaN
525nm Aqua Green
SiC/GaN
612nm Super Orange
InGaAIP
595nm Super Yellow
InGaAIP
470nm Super Blue
SiC/GaN
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com