| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
10SCESG04B Datasheet(PDF) 4 Page - Ashcroft, Inc. |
|
|
|||||||||||||||||||||||||||||
10SCESG04B Datasheet(HTML) 4 Page - Ashcroft, Inc. |
|
4 / 4 page ![]() of 4 4 DIMENSIONS mm [in] For reference only, consult Ashcroft for specific dimensional drawings 51 [2.020] 19.5 [0.768] 20 [0.787] HEX22 ½ NPT 54 [2.126] Ø 4.5 [0.177] (3x) Ø 133 [5.236] Ø 116 [4.567] ~22 [0.874] 20 [0.787] HEX22 ½ NPT 20 [0.787] 92 [3.634] 51 [2.020] 20 [0.787] HEX22 ½ NPT 51 [2.020] 38 [1.488] Ø 4.5 [0.177] (3x) Ø 132 [5.197] Ø 116 [4.567] 19.5 [0.768] HEX22 20 [0.787] ½ NPT 79 [3.102] 38 [1.488] Ø 4.5 [0.177] (3x) Ø 132 [5.197] Ø 116 [4.567] 20 [0.787] HEX22 100 mm SC Lower Connect (XFF), 2500 meters 100 mm SC Lower Connect, 2500 meters 100 mm SC Back Connect, 2500 meters 100 mm SC Lower Connect (XFW), 2500 meters 100 mm SC Back Connect (XFF), 2500 meters SC Subsea Pressure Gauge Data Sheet All specifications are subject to change without notice. All sales subject to standard terms and conditions. Ashcroft® and Trust the Shield® are trademarks a of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks ©2024 Ashcroft Inc. sub-sc_gauge_ds_RevD_02-14-24 ashcroft.com | 1.800.328.8258 | Contact Us |