| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L6727 Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6727 Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 22 page ![]() Application details L6727 16/22 Compensation goal is to close the control loop assuring high DC regulation accuracy, good dynamic performances and stability. To achieve this, the overall loop needs high DC gain, high bandwidth and good phase margin. High DC gain is achieved giving an integrator shape to compensation network transfer function. Loop bandwidth (F0dB) can be fixed choosing the right RF/RFB ratio, however, for stability, it should not exceed FSW/2π. To achieve a good phase margin, the control loop gain has to cross 0dB axis with -20dB/decade slope. As an example, Figure 7 shows an asymptotic bode plot of a type III compensation. Figure 7. Example of type III compensation. ● Open loop converter singularities: a) b) ● Compensation Network singularities frequencies: a) b) c) d) Gain [dB] Log (Freq) 0dB open loop EA gain closed loop gain compensation gain open loop converter gain F LC F ESR F Z1 FZ2 F P1 F P2 20log (R F/RFB) 20log (V IN/∆VOSC) F 0dB F LC 1 2 π LC OUT ⋅ ---------------------------------- = F ESR 1 2 π C OUT ESR ⋅⋅ -------------------------------------------- = F Z1 1 2 π R F C F ⋅⋅ ------------------------------ = F Z2 1 2 π R FB R S + () C S ⋅⋅ ----------------------------------------------------- = F P1 1 2 π R F C F C P ⋅ C F C P + --------------------- ⎝⎠ ⎛⎞ ⋅⋅ -------------------------------------------------- = F P2 1 2 π R S C S ⋅⋅ ------------------------------- = |